Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V16300GR Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # HYS72V16300GR
Description  PC133 Registered SDRAM-Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V16300GR Datasheet(HTML) 1 Page - Infineon Technologies AG

  HYS72V16300GR Datasheet HTML 1Page - Infineon Technologies AG HYS72V16300GR Datasheet HTML 2Page - Infineon Technologies AG HYS72V16300GR Datasheet HTML 3Page - Infineon Technologies AG HYS72V16300GR Datasheet HTML 4Page - Infineon Technologies AG HYS72V16300GR Datasheet HTML 5Page - Infineon Technologies AG HYS72V16300GR Datasheet HTML 6Page - Infineon Technologies AG HYS72V16300GR Datasheet HTML 7Page - Infineon Technologies AG HYS72V16300GR Datasheet HTML 8Page - Infineon Technologies AG HYS72V16300GR Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
INFINEON Technologies
1
2002-07-18
HYS 72Vxx3xxGR
PC133 Registered SDRAM-Modules
3.3 V 168-pin Registered SDRAM Modules
PC133 128 MByte Module
PC133 256 MByte module
PC133 512 MByte Module
PC1331GByte Module
PC1332GByte Module
Description
The HYS 72Vxx3xxGR-7 and -7.5 are industry standard 168-pin 8-byte Dual in-line Memory Modules (DIMMs)
organized as 16M
× 72, 32M x 72, 64M × 72, 128M × 72 and 256M x 72 high speed memory arrays designed with
Synchronous DRAMs (SDRAMs) for ECC applications. All control and address signals are registered on-DIMM
and the design incorporates a PLL circuit for the Clock inputs. Use of an on-board register reduces capacitive
loading on the input signals but are delayed by one cycle in arriving at the SDRAM devices. Decoupling capacitors
are mounted on the PC board. The DIMMs use a serial presence detects scheme implemented via a serial
E
2PROM using the 2-pin I2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second
128 bytes are available to the end user. All Infineon 168-pin DIMMs provide a high performance, flexible 8-byte
interface in a 133.35 mm long footprint.
• 168-pin Registered 8 Byte Dual-In-Line
SDRAM Module for PC and Server main
memory applications
• One bank 16M
× 72, 32M x 72, 64M × 72and
128M x 72, two bank 128M
× 72 and
256M x 72 organization
• Optimized for ECC applications with very low
input capacitances
• JEDEC standard Synchronous DRAMs
(SDRAM) Programmable CAS Latency, Burst
Length and Wrap Sequence (Sequential &
Interleave)
• Single+3.3V (
± 0.3 V) power supply
• Auto Refresh (CBR) and Self Refresh
• Programmable CAS Latency, Burst Length,
and Wrap Sequence (Sequential &
Interleave)
• All inputs and outputs are LVTTL compatible
• Serial Presence Detect with E
2PROM
• Utilizes SDRAMs in TSOPII-54 packages
with registers and PLL.
• Card Size: 133.35 mm
× 38.10/ 43.18mm
with Gold contact pads and max. 4.00 / 6.80
mm thickness (JEDEC MO-161)
• These modules all fully compatible with the
current industry standard PC133 and PC100
specifications
• Performance:
speed grade
-7
-7.5
Unit
f
CK
Clock Frequency (max.) @ CL = 3
133
133
MHz
t
CK
Clock Cycle Time (min.) @ CL = 3
7.5
7.5
ns
t
AC
Clock Access Time (min.) @ CL= 3
5.4
5.4
ns
f
CK
Clock Frequency (max.) @ CL = 2
133
100
MHz
t
CK
Clock Cycle Time (min.) @ CL = 2
7.5
10
ns
t
AC
Clock Access Time (min.) @ CL= 2
5.4
6
ns


Similar Part No. - HYS72V16300GR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V16300GU-7-C2 INFINEON-HYS72V16300GU-7-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V16300GU-7.5-C2 INFINEON-HYS72V16300GU-7.5-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V16300GU-75-C2 INFINEON-HYS72V16300GU-75-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V16300GU-8-C2 INFINEON-HYS72V16300GU-8-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
More results

Similar Description - HYS72V16300GR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D32500GR INFINEON-HYS72D32500GR Datasheet
1Mb / 39P
   Registered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
HYS72D16000GR INFINEON-HYS72D16000GR Datasheet
676Kb / 28P
   Registered DDR SDRAM-Modules
Rev. 1.04, Jan. 2004
logo
List of Unclassifed Man...
KVR133X72RC3 ETC2-KVR133X72RC3 Datasheet
83Kb / 1P
   PC133 Registered SDRAM 168-Pin ECC DIMM Memory Module
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com