Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP130PS12 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECP130PS12
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP130PS12 Datasheet(HTML) 2 Page - XP Power Limited

  ECP130PS12 Datasheet HTML 1Page - XP Power Limited ECP130PS12 Datasheet HTML 2Page - XP Power Limited ECP130PS12 Datasheet HTML 3Page - XP Power Limited ECP130PS12 Datasheet HTML 4Page - XP Power Limited ECP130PS12 Datasheet HTML 5Page - XP Power Limited ECP130PS12 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Input
Output - Main Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
50% load, 115/230 VAC
Output Voltage Adjustment
%
None
Minimum Load
0A
No minimum load required
Start Up Delay
2s
115/230 VAC full load.
Hold Up Time
10
15/11
ms
Min at full load, 115 VAC. Typical at 100W/ 130W
Drift
±0.02
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±0.5
%
0-100% load.
Transient Response
4%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot
7%
Full load
Ripple & Noise
1
% pk-pk
<2% from no load to 10% load, <1% above 10% load.
20 MHz bandwidth and 10 µF electrolytic capacitator in
parallel with 0.1 µF ceramic capacitator.
Overvoltage Protection
110
140
%
Vnom, recycle input to reset
Overload Protection
110
170
% I nom
Short Circuit Protection
Trip & Restart
Temperature Coefficient
0.02
%/˚C
ECP130 Series
www.xppower.com
2
AC-DC Power Supplies
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
95
%
230 VAC (see fig. 1 & 2)
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
2 MOPP
1500
VAC
1 MOPP
1500
VAC
1 MOPP
Switching Frequency
40
130
kHz
PFC
50
135
kHz
Main converter
Power Density
19.7/15.1
W/in3
Forced/convection-cooled
Mean Time Between Failure
680
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
Weight
0.43(195)
lb(g)
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
115/230
264
VAC
Derate output from 100% at 90 VAC to 85% at 85 VAC
Input Frequency
47
50/60
63
Hz
Agency approval, 47-63 Hz
Power Factor
0.8
230 VAC, 100% load EN61000-3-2 class A
Input Current - Full Load
1.3/0.65
A
115/230 VAC
Inrush Current
120
A
230 VAC cold start, 25 ºC
Earth Leakage Current
20/40
50
µA
115/230 VAC/50 Hz (Typ), 264 VAC/60 Hz (Max)
No load Input Power
0.5
W
Input Protection
F3.15 A/250 V Internal fuse fitted in line and neutral.


Similar Part No. - ECP130PS12

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP100 WJCI-ECP100 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-G WJCI-ECP100D-G Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB1960 WJCI-ECP100D-PCB1960 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB2140 WJCI-ECP100D-PCB2140 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP130PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com