Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP130PS28 Datasheet(PDF) 5 Page - XP Power Limited

Part # ECP130PS28
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP130PS28 Datasheet(HTML) 5 Page - XP Power Limited

  ECP130PS28 Datasheet HTML 1Page - XP Power Limited ECP130PS28 Datasheet HTML 2Page - XP Power Limited ECP130PS28 Datasheet HTML 3Page - XP Power Limited ECP130PS28 Datasheet HTML 4Page - XP Power Limited ECP130PS28 Datasheet HTML 5Page - XP Power Limited ECP130PS28 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(76.2)
3.00
(69.9)
2.75
CN1
CN2
L4
C50
C2
TR1
1
3
1
4
ECP130 Series
AC-DC Power Supplies
5
www.xppower.com
Mechanical Details
1. All dimensions shown in inches (mm).
Tolerance: ±0.02 (0.5)
2. Weight: 0.43 lbs (195 g) approx.
Notes
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1:2005
Information Technology
UL
UL60950-1, CSA 22.2 No.60950-1-11 Ed 2
Information Technology
TUV
EN60950-1
Information Technology
CE
LVD
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60601-1 Ed 3.1 Including Risk Management
Medical
UL
ANSI/AAMI ES60601-1: & CSA C22.2 No.6061-1:08
Medical
CE
EN60601-1
Medical
Isolation
Safety Standard
Notes & Conditions
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3.1
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection)
CN2 - Output Connector
Pin 1
Com
Pin 2
Com
Pin 3
+Vout
Pin 4
+Vout
Mates with JST housing
VHR-6N and JST Series
SVH-21T-P1.1 crimp terminals
CN1 - Input Connector
Pin 1
Line
Pin 2
Not Fitted
Pin 3
Neutral
Mounting hole marked with
must be connected to safety earth
Mates with JST housing
VHR-4N and JST Series
SVH-21T-P1.1 crimp terminals


Similar Part No. - ECP130PS28

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP100 WJCI-ECP100 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-G WJCI-ECP100D-G Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB1960 WJCI-ECP100D-PCB1960 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB2140 WJCI-ECP100D-PCB2140 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP130PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com