Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V16300GR-75-E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # HYS72V16300GR-75-E
Description  PC133 Registered SDRAM-Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V16300GR-75-E Datasheet(HTML) 5 Page - Infineon Technologies AG

  HYS72V16300GR-75-E Datasheet HTML 1Page - Infineon Technologies AG HYS72V16300GR-75-E Datasheet HTML 2Page - Infineon Technologies AG HYS72V16300GR-75-E Datasheet HTML 3Page - Infineon Technologies AG HYS72V16300GR-75-E Datasheet HTML 4Page - Infineon Technologies AG HYS72V16300GR-75-E Datasheet HTML 5Page - Infineon Technologies AG HYS72V16300GR-75-E Datasheet HTML 6Page - Infineon Technologies AG HYS72V16300GR-75-E Datasheet HTML 7Page - Infineon Technologies AG HYS72V16300GR-75-E Datasheet HTML 8Page - Infineon Technologies AG HYS72V16300GR-75-E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
HYS 72Vxx3xxGR
PC133 Registered SDRAM-Modules
INFINEON Technologies
5
2002-07-18
Block Diagram: One Bank 16M x 72, 32M x 72, 64M x 72 and 128M x 72 SDRAM DIMM Modules
HYS72V16300GR, HYS72V32301GR, HYS72V64300GR and HYS72V128320GR
using x4 organized SDRAMs
SPB04135
DQM
DQ0-DQ3
CS
D0
DQM
DQ0-DQ3
D1
DQM
DQ0-DQ3
D2
DQM
DQ0-DQ3
D3
DQM
DQ0-DQ3
D16
DQ0-DQ3
DQ4-DQ7
RDQMB1
DQ8-DQ11
DQ12-DQ15
CB0-CB3
RDQMB0
RCS0
DQM
DQ0-DQ3
D8
DQM
DQ0-DQ3
D9
DQM
DQ0-DQ3
D10
DQM
DQ0-DQ3
D11
DQM
DQ0-DQ3
D17
DQ32-DQ35
DQ36-DQ39
RDQMB5
DQ40-DQ43
DQ44-DQ47
CB4-CB7
RDQMB4
DQM
DQ0-DQ3
D4
DQM
DQ0-DQ3
D5
DQM
DQ0-DQ3
D6
DQM
DQ0-DQ3
D7
DQ16-DQ19
DQ20-DQ23
RDQMB3
DQ24-DQ27
DQ28-DQ31
RDQMB2
RCS2
DQM
DQ0-DQ3
D12
DQM
DQ0-DQ3
D13
DQM
DQ0-DQ3
D14
DQM
DQ0-DQ3
D15
DQ48-DQ51
DQ52-DQ55
RDQMB7
DQ56-DQ59
DQ60-DQ63
RDQMB6
CLK0
12 pF
PLL
SDRAMs D0-D17
CLK1, CLK2, CLK3
12 pF
CS0/CS2
DQMB0-7
BA0, BA1
A0-A11, A12
RAS
CAS
CKE0
WE
RCS0/RCS2
RDQMB0-7
RBA0, RBA1
RA0-RA11, RA12
RRAS
RCAS
RCKE0
RWE
REGE
10 k
SDRAMs D0-D17
SDRAMs D0-D17
SDRAMs D0-D17
SDRAMs D0-D17
SDRAMs D0-D17
SDRAMs D0-D17
SA0
SDA
SA0
SA1
SA1
SA2
SA2
SCL
SCL
WP
47 k
E2PROM
(256 word x 8 Bit)
V
CC
V
SS
C
D0-D17, Reg., DLL
D0-D17, Reg., DLL
1) DQ wirding may differ from that decribed
in this drawing; however DQ/DQB relationship
must be maintained as shown
2) All resistors are 10
Ω unless otherwise noted
V
CC
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS


Similar Part No. - HYS72V16300GR-75-E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V16300GU-7-C2 INFINEON-HYS72V16300GU-7-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V16300GU-7.5-C2 INFINEON-HYS72V16300GU-7.5-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V16300GU-75-C2 INFINEON-HYS72V16300GU-75-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V16300GU-8-C2 INFINEON-HYS72V16300GU-8-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
More results

Similar Description - HYS72V16300GR-75-E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D32500GR INFINEON-HYS72D32500GR Datasheet
1Mb / 39P
   Registered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
HYS72D16000GR INFINEON-HYS72D16000GR Datasheet
676Kb / 28P
   Registered DDR SDRAM-Modules
Rev. 1.04, Jan. 2004
logo
List of Unclassifed Man...
KVR133X72RC3 ETC2-KVR133X72RC3 Datasheet
83Kb / 1P
   PC133 Registered SDRAM 168-Pin ECC DIMM Memory Module
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com