Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V16300GU-8-C2 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYS72V16300GU-8-C2
Description  3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V16300GU-8-C2 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYS72V16300GU-8-C2 Datasheet HTML 6Page - Infineon Technologies AG HYS72V16300GU-8-C2 Datasheet HTML 7Page - Infineon Technologies AG HYS72V16300GU-8-C2 Datasheet HTML 8Page - Infineon Technologies AG HYS72V16300GU-8-C2 Datasheet HTML 9Page - Infineon Technologies AG HYS72V16300GU-8-C2 Datasheet HTML 10Page - Infineon Technologies AG HYS72V16300GU-8-C2 Datasheet HTML 11Page - Infineon Technologies AG HYS72V16300GU-8-C2 Datasheet HTML 12Page - Infineon Technologies AG HYS72V16300GU-8-C2 Datasheet HTML 13Page - Infineon Technologies AG HYS72V16300GU-8-C2 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
HYS 64/72V16300/32220GU
SDRAM-Modules
INFINEON Technologies
10
9.01
CAS to CAS Delay Time
(same bank)
t
CCD
1
1
1
CLK
Refresh Cycle
Refresh Period (4096 cycles)
t
REF
64
64
64
ms
Self-Refresh Exit Time
t
SREX
1
1
1
CLK
10)
Read Cycle
Data Out Hold Time
t
OH
3
3
3
ns
4)
Data Out to Low Impedance
t
LZ
0
0
0
ns
Data Out to High Impedance
t
HZ
373
738ns
11
DQM Data Out Disable
Latency
t
DQZ
2
2
2CLK
Write Cycle
Data Input to Precharge
(write recovery)
t
WR
2
2
2
CLK
DQM Write Mask Latency
t
DQW
0
0
0
CLK
AC Characteristics (cont’d)
3), 4)
T
A = 0 to 70 °C; VSS =0V; VDD =3.3 V ±0.3 V, tT =1ns
Parameter
Symbol
Limit Values
Unit
Note
-7
PC133-222
-7.5
PC133-333
-8
PC100-222
min.
max.
min.
max. min.
max.


Similar Part No. - HYS72V16300GU-8-C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V16300GR INFINEON-HYS72V16300GR Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V16300GR-7-E INFINEON-HYS72V16300GR-7-E Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V16300GR-75-C INFINEON-HYS72V16300GR-75-C Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V16300GR-75-E INFINEON-HYS72V16300GR-75-E Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
More results

Similar Description - HYS72V16300GU-8-C2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
logo
Infineon Technologies A...
HYS64V32300GU INFINEON-HYS64V32300GU Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
HYS64V64220GU INFINEON-HYS64V64220GU Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
logo
Mosel Vitelic, Corp
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com