Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EML15US12 Datasheet(PDF) 1 Page - XP Power Limited

Part # EML15US12
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EML15US12 Datasheet(HTML) 1 Page - XP Power Limited

  EML15US12 Datasheet HTML 1Page - XP Power Limited EML15US12 Datasheet HTML 2Page - XP Power Limited EML15US12 Datasheet HTML 3Page - XP Power Limited EML15US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EML15 Series
AC-DC Power Supplies
The EML15 is a series of open frame and encapsulated AC-DC single output power supplies
designed for medical applications. The series provides a number of flexible mechanical options
including PCB mount, open frame, chassis mount with screw terminals and a DIN Rail option. With
approvals to world-wide medical safety standards, compliance with class B for both conducted and
radiated emissions and a 130%, 30s peak load capability, these class II isolation parts benefit
system designers with easy integration into the latest healthcare products and applications.
• Compact Size
• Medical Approvals
• Single Outputs from 3.3 to 48 V
• PCB Mount, Open Frame & Chassis Mount
• Encapsulated PCB & Chassis Mount
• Class II
• Peak Load Capability
15 Watts
Dimensions:
EML15:
(-P): 2.44 x 1.21 x 0.95” (62.0 x 30.7 x 24.1 mm)
(-T): 3.10 x 1.25 x 0.91” (78.7 x 31.8 x 23.1 mm)
(-E): 2.56 x 1.31 x 0.96” (65.0 x 33.3 x 24.4 mm)
(-S): 3.30 x 1.36 x 1.04” (84.0 x 34.5 x 26.4 mm)
www.xppower.com
1
Models & Ratings
Notes
1. 1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’ for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
3. A Screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’, e.g. EML15US24-SD, DIN rail mounting kit is available as a seperate item,
order code ECL15 DIN CLIP.
Output Power
Output Voltage
Output Current
Efficiency
Model Number (2,3)
Nominal
Peak(1)
10 W
3.3 VDC
3.00 A
3.90 A
75%
EML15US03
15 W
5.0 VDC
3.00 A
3.90 A
78%
EML15US05
15 W
9.0 VDC
1.67 A
2.17 A
80%
EML15US09
15 W
12.0 VDC
1.25 A
1.62 A
80%
EML15US12
15 W
15.0 VDC
1.00 A
1.30 A
80%
EML15US15
15 W
24.0 VDC
0.63 A
0.82 A
82%
EML15US24
15 W
36.0 VDC
0.42 A
0.54 A
82%
EML15US36
15 W
48.0 VDC
0.32 A
0.41 A
82%
EML15US48
Summary
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
85
264
VAC
120
370
VDC
No Load Input Power
0.3
W
Efficiency
75
80
82
%
See Models & Ratings table
Operating Temperature
-20
+70
°C
Derate linearly from 100% at +50 °C to 50% at +70 °C
EMC
EN55022 Level B Conducted & Radiated, EN61000-4, EN61000-3, EN60601-1-2
Safety Approvals
EN60601-1, ANSI/AAMI ES60601-1. IEC60601-1


Similar Part No. - EML15US12

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10W5575CA-J28 BOOKHAM-EML10W5575CA-J28 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J34 BOOKHAM-EML10W5575CA-J34 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J57 BOOKHAM-EML10W5575CA-J57 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J59 BOOKHAM-EML10W5575CA-J59 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CB-J28 BOOKHAM-EML10W5575CB-J28 Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML15US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com