Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EML15US36 Datasheet(PDF) 3 Page - XP Power Limited

Part # EML15US36
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EML15US36 Datasheet(HTML) 3 Page - XP Power Limited

  EML15US36 Datasheet HTML 1Page - XP Power Limited EML15US36 Datasheet HTML 2Page - XP Power Limited EML15US36 Datasheet HTML 3Page - XP Power Limited EML15US36 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EML15 Series
www.xppower.com
AC-DC Power Supplies
3
EMC: Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55022/11:2006
Class B
Radiated
EN55022/11:2006
Class B
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
Safety Approvals
EMC: Immunity
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60601-1 Ed 3 Including Risk Management
Medical
UL
ANSI/AAMI ES60601-1:2005 & CSA C22.2, No.60601-1:08
Medical
TUV
EN60601-1/A12:2006
Medical
Means of Protection
Category
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
3A
Radiated
EN61000-4-3
10 V/m
A
80% mod
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
3A
Conducted
EN61000-4-6
10 Vrms
A
Magnetic Fields
EN61000-4-8
10 A/m
A
Dips and Interruptions
EN60601-1-2
70% UT for 500 ms
A
40% UT for 100 ms
A
<5% UT for 10 ms
A
<5% UT for 5000 ms
B
40% of UT dip is performance criteria A if load is
reduced to 45% based on 100 VAC


Similar Part No. - EML15US36

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10W5575CA-J28 BOOKHAM-EML10W5575CA-J28 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J34 BOOKHAM-EML10W5575CA-J34 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J57 BOOKHAM-EML10W5575CA-J57 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J59 BOOKHAM-EML10W5575CA-J59 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CB-J28 BOOKHAM-EML10W5575CB-J28 Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML15US36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com