Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPL225PS18 Datasheet(PDF) 6 Page - XP Power Limited

Part # EPL225PS18
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EPL225PS18 Datasheet(HTML) 6 Page - XP Power Limited

  EPL225PS18 Datasheet HTML 1Page - XP Power Limited EPL225PS18 Datasheet HTML 2Page - XP Power Limited EPL225PS18 Datasheet HTML 3Page - XP Power Limited EPL225PS18 Datasheet HTML 4Page - XP Power Limited EPL225PS18 Datasheet HTML 5Page - XP Power Limited EPL225PS18 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EPL225 Series
AC-DC Power Supplies
www.xppower.com
04­August­15
Figure 4
Estimated Service Life vs Component Temperature
In order to ensure safe operation of the PSU in the end-use equipment, the temperature of the components listed in the table below
must not be exceeded. Temperature should be monitored using thermocouples placed on the hottest part of the component
(out of direct air flow). See Mechanical Details for component locations.
The estimated service life of the EPL225 is determined by the cooling arrangements and load conditions experienced in the end
application. Due to the uncertain nature of the end application this estimated service life is based on the actual measured temperature of
key capacitors with in the product when installed by the end application,
The graph below expresses the estimated lifetime based on the temperature of these key components based on the average temperature
over the lifetime of the equipment.
Temperature Measurements (At Maximum Ambient)
Component
Max Temperature °C
TR1 Coil
120°C
L4 Coil
120°C
C2
105°C
C52
105°C
0
10000
20000
30000
40000
50000
C2 + C52 Temperature (ºC)
C52
C2
60000
70000
80000
105
95
85
75
65
55
45
Thermal Considerations
Service Life


Similar Part No. - EPL225PS18

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL2010 COILCRAFT-EPL2010 Datasheet
371Kb / 2P
   Shielded Power Inductors
EPL2010 COILCRAFT-EPL2010 Datasheet
164Kb / 2P
   Shielded Power Inductors
EPL2010-102ML COILCRAFT-EPL2010-102ML Datasheet
198Kb / 2P
   SMT Power Inductors
EPL2010-102ML COILCRAFT-EPL2010-102ML Datasheet
164Kb / 2P
   Shielded Power Inductors
EPL2010-102MLB COILCRAFT-EPL2010-102MLB Datasheet
265Kb / 2P
   Shielded Power Inductors ??EPL2010
More results

Similar Description - EPL225PS18

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com