Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T128000GR Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYS72T128000GR
Description  DDR2 Registered Memory Modules
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72T128000GR Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYS72T128000GR Datasheet HTML 4Page - Infineon Technologies AG HYS72T128000GR Datasheet HTML 5Page - Infineon Technologies AG HYS72T128000GR Datasheet HTML 6Page - Infineon Technologies AG HYS72T128000GR Datasheet HTML 7Page - Infineon Technologies AG HYS72T128000GR Datasheet HTML 8Page - Infineon Technologies AG HYS72T128000GR Datasheet HTML 9Page - Infineon Technologies AG HYS72T128000GR Datasheet HTML 10Page - Infineon Technologies AG HYS72T128000GR Datasheet HTML 11Page - Infineon Technologies AG HYS72T128000GR Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
HYS72T[256/128/64][0/2][0/2]0[G/H]R-[5/3.7]-A
Registered DDR2 SDRAM Modules
Data Sheet
8
Rev. 0.85, 2004-04
Preliminary
2.0 Block Diagrams
2.1 One Rank 64M x 72 (512 MByte) DDR2 SDRAM DIMM Module (x8 components)
HYS72T64000[G/H] on Raw Card A
DM1/DQS10
DQS1
DQS1
CK0
CK 0
P
L
L
PCK0-PCK6,PCK8,PCK9
CK : SDRAMs D0-D8
RESET
OE
PCK7-> CK : Register
PCK7 > CK : Register
BA 0-BA1
RB A0 -RBA1-> BA0-BA1 : SDRAMs D0 -D8
A0 -A13
RA0 -RA 13-> A0 -A 13: SDR A Ms D0 -D 8
RAS
RR A S -> RAS : SD RAMs D0- D 8
CS0 *
RS0 -> C S : SDRAMs D0-D8
CAS
RC AS -> C A S: SD RAMs D0-D8
CKE0
RCK E0 -> CKE : SDR A
D0-D8
WE
RW E -> WE : SD RAMs D0-D8
1:1
ODT0
RODT0 -> ODT 0: SDRAMs D0-D8
PCK7
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
PCK0-PCK6,PCK8,PCK9
CK : SDRAMs D0-D8
RST
RESET
PCK 7
D1
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
RS0
DM2/DQS11
DQS2
DQS0
DM3/DQS12
DQS3
DQS3
DM8/DQS17
DQS8
DQS8
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
D0
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM0/DQS9
DQS0
DQS0
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
D4
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM4/DQS13
DQS4
DQS4
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
D5
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM5/DQS14
DQS5
DQS5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
D6
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM6/DQS15
DQS6
DQS6
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
D7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM7/DQS16
DQS7
DQS7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
R
E
G
I
S
T
E
R
Notes:
1. DQ-to-I/O wiring may be changed within a byte
2. Unless otherwise noted, resistor values are 22 Ohms
A0
Serial PD
A1
A2
SA0 SA1 SA2
SCL
SDA
WP
VDD,
V SS
D0 - D8
D0 - D8
VDDQ
D0 - D8
VREF
VDDSPD
Serial PD
DQS9
DQS10
DQS11
DQS12
DQS17
DQS16
DQS15
DQS14
DQS13
*) CS0 connects to DCS and VDD connects to CSR on the Registers


Similar Part No. - HYS72T128000GR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T128000GR INFINEON-HYS72T128000GR Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128000GR-3.7-A INFINEON-HYS72T128000GR-3.7-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128000GR-5-A INFINEON-HYS72T128000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
More results

Similar Description - HYS72T128000GR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000GR-5-A INFINEON-HYS72T64000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T32000GR INFINEON-HYS72T32000GR Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com