Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPL225PS48 Datasheet(PDF) 4 Page - XP Power Limited

Part # EPL225PS48
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EPL225PS48 Datasheet(HTML) 4 Page - XP Power Limited

  EPL225PS48 Datasheet HTML 1Page - XP Power Limited EPL225PS48 Datasheet HTML 2Page - XP Power Limited EPL225PS48 Datasheet HTML 3Page - XP Power Limited EPL225PS48 Datasheet HTML 4Page - XP Power Limited EPL225PS48 Datasheet HTML 5Page - XP Power Limited EPL225PS48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMC: Emissions
EMC: Immunity
EPL225 Series
AC-DC Power Supplies
www.xppower.com
4
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20
+70
°C
See derating curve, fig.3
Storage Temperature
-40
+85
°C
Cooling
10
CFM
Forced-cooled > 150W
Humidity
5
95
%RH
Non-condensing
Operating Altitude
5000
m
Shock
±3 x 30g shocks in each plane, total 18 shocks. 30g = 11ms (+/- 0.5msecs), half sine. Conforms to EN60068-2-27
Vibration
Single axis 10-500 Hz at 2g sweep and endurance at resonance in all 3 planes. Conforms to EN60068-2-6
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
Figure 3
Temperature Derating Curve
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55011/22
Class B
Radiated
EN55011/22
Class A
Class B with King Core
KSB RC 13 x 23 x 7 on input cable and
KSB + 25 x 12 x 5 on output cable.
Harmonic Current
EN61000-3-2
Class A
Meet Class C for loads above 145W
Voltage Functions
EN61000-3-3
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Medical Device EMC
IEC60601-1-2
Ed.4.0 : 2014
as below
Low Voltage PSU EMC
EN61204-3
High severity level
as below
ESD
EN61000-4-2
4A
±8kV contact, ±15kV air
Radiated
EN61000-4-3
3A
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Magnetic Fields
EN61000-4-8
4A
Dips and Interruptions
EN55024 (100 VAC)
Dip >95% (0 VAC), 8.3 ms
A
Dip 30% (70 VAC), 416 ms
A
At 220 W
Dip >95% (0 VAC), 4160 ms
B
EN55024 (240 VAC)
Dip >95% (0 VAC), 10.0 ms
A
Dip 30% (168 VAC), 500 ms
A
Dip >95% (0 VAC), 5000 ms
B
EN60601-1-2(100VAC)
Dip100%(0VAC),10.0ms
A
Dip 100% (0 VAC), 20 ms
A
At 120 W
Dip60% (40VAC),100ms
A
Derate Output Power to 30W
Dip30% (40VAC),500ms
A
At 220 W
Dip 100% (0 VAC), 5000 ms
B
EN60601-1-2 (240 VAC)
Dip100%(0VAC),10.0ms
A
Dip 100% (0 VAC), 20 ms
A
At 150 W
Dip60% (96VAC),100ms
A
At 170 W
Dip30%(168VAC),500ms
A
Dip 100% (0 VAC), 5000 ms
B


Similar Part No. - EPL225PS48

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL2010 COILCRAFT-EPL2010 Datasheet
371Kb / 2P
   Shielded Power Inductors
EPL2010 COILCRAFT-EPL2010 Datasheet
164Kb / 2P
   Shielded Power Inductors
EPL2010-102ML COILCRAFT-EPL2010-102ML Datasheet
198Kb / 2P
   SMT Power Inductors
EPL2010-102ML COILCRAFT-EPL2010-102ML Datasheet
164Kb / 2P
   Shielded Power Inductors
EPL2010-102MLB COILCRAFT-EPL2010-102MLB Datasheet
265Kb / 2P
   Shielded Power Inductors ??EPL2010
More results

Similar Description - EPL225PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com