Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITV2415SA Datasheet(PDF) 2 Page - XP Power Limited

Part # ITV2415SA
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITV2415SA Datasheet(HTML) 2 Page - XP Power Limited

  ITV2415SA Datasheet HTML 1Page - XP Power Limited ITV2415SA Datasheet HTML 2Page - XP Power Limited ITV2415SA Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ITV Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5
15
VDC
See Models and Ratings table
Initial Set Accuracy
±5
%
At 70% load
Minimum Load
10
%
Minimum load required to meet specification. Operation at
no load will not cause damage.
Line Regulation
±1.2
%/1%Vin
Load Regulation
+5, -2.5
%
From 10% to full load from 70% load point
Cross Regulation
±5
%
On dual output models when one load is varied between
25% and 100% and other is fixed at 100%
Ripple & Noise
60
mV pk-pk
20 MHz bandwidth. Measured using 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.5
5.5
VDC
5 V nominal
10.8
13.2
VDC
12 V nominal
21.6
26.4
VDC
24 V nominal
Input Filter
Capacitor
Input Reflected Ripple
15
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
9
VDC for 1000 ms 5 V models
18
VDC for 1000 ms 12 V models
30
VDC for 1000 ms 24 V models
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
80
%
See Models and Ratings table
Isolation: Input to Output
3000
VDC
Switching Frequency
40/50
50/70
kHz
5 V/12-24 V input
Isolation Resistance
109
Isolation Capacitance
50
pF
Power Density
14
Win3
Mean Time Between Failure
3.6
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.0053 (2.4)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+105
°C
Derate from 100% load at +95 °C to 90% at +105 °C
Storage Temperature
-55
+125
°C
Case Temperature
+115
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection


Similar Description - ITV2415SA

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com