Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITV2415SA Datasheet(PDF) 3 Page - XP Power Limited

Part # ITV2415SA
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITV2415SA Datasheet(HTML) 3 Page - XP Power Limited

  ITV2415SA Datasheet HTML 1Page - XP Power Limited ITV2415SA Datasheet HTML 2Page - XP Power Limited ITV2415SA Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Printed Face
0.24
(6.00)
0.39
(10.0)
0.12
(3.05)
0.76
(19.5)
0.60
(15.24)
0.10
(2.54)
0.37
(9.50)
0.02
(0.50)
0.02
(0.50)
0.02
(0.50)
0.01
(0.25)
0.05
(1.25)
0.24
(6.00)
ITV Series
www.xppower.com
DC-DC Converter
3
08 Dec 14
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
3A
Radiated Immunity
EN61000-4-3
10 Vrms
A
EFT/Burst
EN61000-4-4
3A
External input capacitor required 330 µF/100 V
Surges
EN61000-4-5
1A
External input capacitor required 330 µF/100 V
Conducted Immunity
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class B
See Application Note
Radiated
EN55022
Class B
1. All dimensions are in inches (mm)
2. Weight: 0.0053lbs (2.4 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
No Pin
No Pin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
Mechanical Details
EMI Filter
Application Note
ITV
+ Vout
-Vout
+ Vin
-Vin
4.7 µF/50 V
1206 Chip Capacitor, placed as close as possible to the input pins
Load
6.8 µH


Similar Description - ITV2415SA

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com