Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP05N03LA Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP05N03LA
Description  OptiMOS 2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP05N03LA Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP05N03LA Datasheet HTML 1Page - Infineon Technologies AG IPP05N03LA Datasheet HTML 2Page - Infineon Technologies AG IPP05N03LA Datasheet HTML 3Page - Infineon Technologies AG IPP05N03LA Datasheet HTML 4Page - Infineon Technologies AG IPP05N03LA Datasheet HTML 5Page - Infineon Technologies AG IPP05N03LA Datasheet HTML 6Page - Infineon Technologies AG IPP05N03LA Datasheet HTML 7Page - Infineon Technologies AG IPP05N03LA Datasheet HTML 8Page - Infineon Technologies AG IPP05N03LA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPB05N03LA
IPI05N03LA, IPP05N03LA
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3 V
3.2 V
3.5 V
3.8 V
4.1 V
4.5 V
10 V
0
5
10
15
20
25
0
20
40
60
80
100
120
140
160
I D [A]
25 °C
175 °C
0
20
40
60
80
100
120
140
160
012345
V GS [V]
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
I D [A]
2.8 V
3 V
3.2 V
3.5 V
3.8 V
4.1 V
4.5 V
10 V
0
20
40
60
80
100
120
140
160
01
23
V DS [V]
Rev. 1.3
page 5
2003-12-18


Similar Part No. - IPP05N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP05N03LA INFINEON-IPP05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-23
More results

Similar Description - IPP05N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB14N03LA INFINEON-IPB14N03LA Datasheet
346Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPD04N03LA INFINEON-IPD04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPF06N03LA INFINEON-IPF06N03LA Datasheet
223Kb / 9P
   OptiMOS 2 Power-Transistor
2003-12-19
IPD03N03LB INFINEON-IPD03N03LB Datasheet
304Kb / 9P
   OptiMOS 2 Power-Transistor
Rev. 1.11 2004-12-16
IPSH4N03LA INFINEON-IPSH4N03LA Datasheet
305Kb / 9P
   OPTIMOS 2 POWER - TRANSISTOR
Rev. 0.92 2004-10-27
IPB09N03LA INFINEON-IPB09N03LA Datasheet
347Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPI03N03LA INFINEON-IPI03N03LA Datasheet
317Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.4 2004-02-05
IPI04N03LA INFINEON-IPI04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.3 2003-12-18
IPI05N03LA INFINEON-IPI05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-23
IPS09N03LA INFINEON-IPS09N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com