Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V64300GR-75-D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYS72V64300GR-75-D
Description  PC133 Registered SDRAM-Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V64300GR-75-D Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYS72V64300GR-75-D Datasheet HTML 6Page - Infineon Technologies AG HYS72V64300GR-75-D Datasheet HTML 7Page - Infineon Technologies AG HYS72V64300GR-75-D Datasheet HTML 8Page - Infineon Technologies AG HYS72V64300GR-75-D Datasheet HTML 9Page - Infineon Technologies AG HYS72V64300GR-75-D Datasheet HTML 10Page - Infineon Technologies AG HYS72V64300GR-75-D Datasheet HTML 11Page - Infineon Technologies AG HYS72V64300GR-75-D Datasheet HTML 12Page - Infineon Technologies AG HYS72V64300GR-75-D Datasheet HTML 13Page - Infineon Technologies AG HYS72V64300GR-75-D Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HYS 72Vxx3xxGR
PC133 Registered SDRAM-Modules
INFINEON Technologies
10
2002-07-18
AC Characteristics (SDRAM Device Specification)
4), 5)
T
A =0 to 70 °C
1); V
SS =0 V; VDD =3.3 V ± 0.3 V, tT =1ns
Parameter
Symbol
Limit Values
Unit
Note
-7
PC133-222
-7.5
PC133-333
min.
max.
min.
max.
Clock and Access Time
Clock Cycle Time
CAS Latency = 3
CAS Latency = 2
t
CK
7.5
7.5
7.5
10
ns
ns
Clock Frequency
CAS Latency = 3
CAS Latency = 2
f
CK
133
133
133
100
MHz
MHz
Access Time from Clock
CAS Latency = 3
CAS Latency = 2
t
AC
5.4
5.4
5.4
6
ns
ns
Clock High Pulse Width
t
CH
2.5
2.5
ns
Clock Low Pulse Width
t
CL
2.5
2.5
ns
Transition Time
t
T
0.5
7.5
0.5
10
ns
Setup and Hold Parameters
Input Setup Time
t
IS
1.5
1.5
ns
Input Hold Time
t
IH
0.8
0.8
ns
Power Down Mode Entry Time
t
SB
–1–1CLK
Power Down Mode Exit Setup Time
t
PDE
1–1–CLK
Mode Register Setup Time
t
RCS
2–2–CLK
Common Parameters
Row to Column Delay Time
t
RCD
15
20
ns
Row Precharge Time
t
RP
15
20
ns
Row Active Time
t
RAS
37
45
100k
ns
Row Cycle Time
t
RC
60
67.5
ns
Activate (a) to Activate (b) Command
Period
t
RRD
2–2–CLK
CAS(a) to CAS(b) Command Period
t
CCD
1–1–CLK


Similar Part No. - HYS72V64300GR-75-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V64220GU INFINEON-HYS72V64220GU Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS72V64220GU-7-D INFINEON-HYS72V64220GU-7-D Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS72V64220GU-75-C2 INFINEON-HYS72V64220GU-75-C2 Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS72V64220GU-75-D INFINEON-HYS72V64220GU-75-D Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS72V64220GU-8 SIEMENS-HYS72V64220GU-8 Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results

Similar Description - HYS72V64300GR-75-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D32500GR INFINEON-HYS72D32500GR Datasheet
1Mb / 39P
   Registered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
HYS72D16000GR INFINEON-HYS72D16000GR Datasheet
676Kb / 28P
   Registered DDR SDRAM-Modules
Rev. 1.04, Jan. 2004
logo
List of Unclassifed Man...
KVR133X72RC3 ETC2-KVR133X72RC3 Datasheet
83Kb / 1P
   PC133 Registered SDRAM 168-Pin ECC DIMM Memory Module
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com