Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFN8459TR Datasheet(PDF) 6 Page - International Rectifier

Part # AUIRFN8459TR
Description  Dual N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFN8459TR Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIRFN8459TR Datasheet HTML 2Page - International Rectifier AUIRFN8459TR Datasheet HTML 3Page - International Rectifier AUIRFN8459TR Datasheet HTML 4Page - International Rectifier AUIRFN8459TR Datasheet HTML 5Page - International Rectifier AUIRFN8459TR Datasheet HTML 6Page - International Rectifier AUIRFN8459TR Datasheet HTML 7Page - International Rectifier AUIRFN8459TR Datasheet HTML 8Page - International Rectifier AUIRFN8459TR Datasheet HTML 9Page - International Rectifier AUIRFN8459TR Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
 
AUIRFN8459
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
July 29, 2014
Fig 16. Typical On-Resistance vs. Gate Voltage
Fig 17. Threshold Voltage vs. Temperature
Fig 21. Typical Stored Charge vs. dif/dt
Fig 19. Typical Stored Charge vs. dif/dt
Fig 18. Typical Recovery Current vs. dif/dt
Fig 20. Typical Recovery Current vs. dif/dt
4
8
12
16
20
VGS, Gate-to-Source Voltage (V)
0
5
10
15
20
25
TJ = 25°C
TJ = 125°C
ID = 40A
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 50µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
100
200
300
400
500
600
diF /dt (A/µs)
0
1
2
3
4
5
IF = 40A
VR = 34V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
600
diF /dt (A/µs)
0
1
2
3
4
5
IF = 26A
VR = 34V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
600
diF /dt (A/µs)
0
10
20
30
40
50
60
70
80
90
IF = 40A
VR = 34V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
600
diF /dt (A/µs)
0
10
20
30
40
50
60
70
80
90
IF = 26A
VR = 34V
TJ = 25°C
TJ = 125°C


Similar Part No. - AUIRFN8459TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFN8458 IRF-AUIRFN8458 Datasheet
741Kb / 10P
   Advanced Process Technology
AUIRFN8458TR IRF-AUIRFN8458TR Datasheet
741Kb / 10P
   Advanced Process Technology
More results

Similar Description - AUIRFN8459TR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com