Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C475K8PACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C475K8PACTU
Description  Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 4.7 uF, /-10% Tol, 10 V, X5R, 1206 (3216 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C475K8PACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C475K8PACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 1/06/2016 - 9f1cd190-6223-409f-9d1e-603d1d52b143
KEMET Part Number: C1206C475K8PACTU
(C1206C475K8PAC7800)
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 4.7 uF, +/-10% Tol, 10 V, X5R, 1206 (3216 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.2
+/-0.2
W
1.6
+/-0.2
T
1.6
+/-0.20
B
0.5
+/-0.25
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 2000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 1206 (3216 metric)
Temperature Coefficient: X5R
Part Type Description: SMD, MLCC, Temperature
Stable, Class II
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 4.7 uF
Voltage: 10 V
Tolerance: +/-10%
Temperature Range: -55/+85C
Dissipation Factor: 10%
Failure Rate: N/A
Aging Rate: 4% loss/decade hour
Insulation Resistance: 20 MOhm
Dielectric Strength: 25 V
Miscellaneous:
Note: Referee time for X5R
dielectric for this part number is
48 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C475K8PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C475K8NACAUTO KEMET-C1206C475K8NACAUTO Datasheet
60Kb / 1P
   SMD Auto X8L HT150C, Ceramic, 4.7 uF, 10%, 10 VDC, X8L, SMD, MLCC, High Temperature, Temperature Stable, Automotive Grade, 1206
C1206C475K8RAC KEMET-C1206C475K8RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C475K8RACAUTO KEMET-C1206C475K8RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 4.7 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1206C475K8RACTU KEMET-C1206C475K8RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C475K8PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C475K5RACTU KEMET-C1206C475K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 4.7 uF, /-10% Tol, 50 V, X7R, 1206 (3216 metric)
C1206C474K4RACTU KEMET-C1206C474K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)
C1206T106K4RCLTU KEMET-C1206T106K4RCLTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, COTS, Temperature Stable, Class II, 10 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)
C1210C475K3PACTU KEMET-C1210C475K3PACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 4.7 uF, /-10% Tol, 25 V, X5R, 1210 (3225 metric)
C1206C226M4PACTU KEMET-C1206C226M4PACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 22 uF, /-20% Tol, 16 V, X5R, 1206 (3216 metric)
C1206C106M3RACTU KEMET-C1206C106M3RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 10 uF, /-20% Tol, 25 V, X7R, 1206 (3216 metric)
C1206C333K1RACTU KEMET-C1206C333K1RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.033 uF, /-10% Tol, 100 V, X7R, 1206 (3216 metric)
C1206C685K4RACTU KEMET-C1206C685K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 6.8 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)
C1206C564K5RACTU KEMET-C1206C564K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.56 uF, /-10% Tol, 50 V, X7R, 1206 (3216 metric)
C1206C154K3RACTU KEMET-C1206C154K3RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.15 uF, /-10% Tol, 25 V, X7R, 1206 (3216 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com