Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18T256800AC Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB18T256800AC
Description  DDR2 Registered DIMM Modules
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T256800AC Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB18T256800AC Datasheet HTML 5Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 6Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 7Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 8Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 9Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 10Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 11Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 12Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
HYS72Txx0xxGR
Registered DDR2 SDRAM-Modules
INFINEON Technologies
9
2.04
Block Diagrams (cont’d)
2.2 64M x 72 (512 MByte) two rank DDR2 SDRAM DIMM Modules (x8 components)
HYS72T64020GR on Raw Card B
CKE0
RCK E0 -> CKE :SDRAMs D0-D8
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
D4
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM4/DQS13
DQS4
DQS4
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
D5
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM5/DQS14
DQS5
DQS5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
D6
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM6/DQS15
DQS6
DQS6
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
D7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM7/DQS16
DQS7
DQS7
DQS16
CS DQS DQS
DM/
RDQS
NU/
RDQS
CS DQS DQS
DM/
RDQS
NU/
RDQS
CS DQS DQS
DM/
RDQS
NU/
RDQS
CS DQS DQS
DM/
RDQS
NU/
RDQS
DM1/DQS10
DQS1
DQS1
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
D1
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
RS0
DM2/DQS11
DQS2
DQS0
DM3/DQS12
DQS3
DQS3
DM0/DQS17
DQS8
DQS8
DQS17
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM0/DQS9
DQS0
DQS0
CS DQS DQS
DM/
RDQS
NU/
RDQS
CS DQS DQS
DM/
RDQS
NU/
RDQS
CS DQS DQS
DM/
RDQS
NU/
RDQS
CS DQS DQS
DM/
RDQS
NU/
RDQS
D0
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D9
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D10
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D11
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D12
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D17
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D13
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D14
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
D16
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS DQS
DM/
RDQS
NU/
RDQS
RS1
DQ-to-I/O wiring may be changed within a byte
DQ/DQS/DQS, adress and control resistors are 22 Ohms
BA 0-BA1
A0 -A12
RAS
CS1 *
CAS
WE
1:2
A0
Serial PD
A1 A2
SA0 SA1 SA2
SCL
SDA
WP
VDD,
V SS
D0 - D17
VDDQ
VREF
VDDSPD
Serial PD
D0 - D17
D0 - D17
R
E
G
I
S
T
E
R
RBA0 -RBA1-> BA0-BA1 : SDRAMs D0-D17
RA0 -RA 12-> A0 -A 12: SDR A Ms
RRA S -> RAS : SDRAMs
RS1 -> C S : SDRAMs D9-D17
RCAS -> C A S: SD RAMs
RW E -> WE : SDRAMs
CS0 *
RS0 -> C S : SDRAMs D0-D8
D0-D17
D0-D17
D0-D17
D0-D17
PCK7
RST
RESET
PCK 7
ODT0
RODT0 -> ODT : SDRAMs D0-D8
CKE1
RCK E1 -> CKE :SDRAMs D9-D17
ODT1
RODT1 -> ODT :SDRAMs D9-D17
*) CS0 connects to CRS, CS1 connects to CSR on a Register. CS1 connects to DCS and CS0 connects to CSR on another Register.
RESET, PCK7 and PCK7 connect to bother Registers. Other signals connect to one of two Registers.
CK 0
CK 0
P
L
L
PCK0-PCK6, PCK8,PCK9
CK : SDRAMs D0-D17
RESET
OE
PCK7 -> CK
:
Register
PCK7 > CK : Register
PCK0-PCK6, PCK8,PCK9
CK : SDRAMs D0-D17
DQS9
DQS10
DQS11
DQS12
DQS15
DQS14
DQS13


Similar Part No. - HYB18T256800AC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T256800AF INFINEON-HYB18T256800AF Datasheet
1Mb / 90P
   256 Mbi t DDR2 SDRAM
V1.02, May 2004
logo
Qimonda AG
HYB18T256800AF QIMONDA-HYB18T256800AF Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYB18T256800AF QIMONDA-HYB18T256800AF Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYB18T256800AF-3 INFINEON-HYB18T256800AF-3 Datasheet
1Mb / 90P
   256 Mbi t DDR2 SDRAM
V1.02, May 2004
HYB18T256800AF-37 INFINEON-HYB18T256800AF-37 Datasheet
1Mb / 90P
   256 Mbi t DDR2 SDRAM
V1.02, May 2004
More results

Similar Description - HYB18T256800AC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com