Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18T256800AC Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYB18T256800AC
Description  DDR2 Registered DIMM Modules
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T256800AC Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYB18T256800AC Datasheet HTML 6Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 7Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 8Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 9Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 10Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 11Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 12Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 13Page - Infineon Technologies AG HYB18T256800AC Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
HYS72Txx0xxGR
Registered DDR2 SDRAM-Modules
INFINEON Technologies
10
2.04
Block Diagrams (cont’d)
2.3 One Rank 64M x 72 (512 MByte) DDR2 SDRAM DIMM Modules (x4 components)
HYS72T64001GR on Raw Card C
ODT0
RODT0 -> ODT : SDRAMs D0-D17
RS0
VSS
DQS0
DQS0
D0
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ3
DQ0
DQ1
DQ2
DQS1
D1
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ11
DQ8
DQ9
DQ10
DQS2
D2
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ19
DQ16
DQ17
DQ18
DQS3
D3
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ27
DQ24
DQ25
DQ26
DQS4
D4
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ35
DQ32
DQ33
DQ34
DQS5
D5
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ43
DQ40
DQ41
DQ42
DQS6
D6
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ51
DQ48
DQ49
DQ50
DQS7
D7
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ59
DQ56
DQ57
DQ58
DQS8
D8
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CB3
CB0
CB1
CB2
DQS9
DQS9
D9
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ7
DQ4
DQ5
DQ6
D10
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ15
DQ12
DQ13
DQ14
D11
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ23
DQ20
DQ21
DQ22
D12
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ31
DQ28
DQ29
DQ30
D13
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ39
DQ36
DQ37
DQ38
D14
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ47
DQ44
DQ45
DQ46
D15
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ55
DQ52
DQ53
DQ54
D16
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ63
DQ60
DQ61
DQ62
D17
CS DQS DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CB7
CB4
CB5
CB6
DQS0
DQS2
DQS3
DQS4
DQS5
DQS6
DQS7
DQS8
DQS10
DQS10
DQS11
DQS11
DQS12
DQS12
DQS13
DQS13
DQS14
DQS14
DQS15
DQS15
DQS16
DQS16
DQS17
DQS17
DQ-to-I/O wiring may be changed within per nibble
Unless otherwise noted, resistor values are 22 Ohms
*) CS0 connects to DCS of Register 1 and CSR of Register 2,
CSR of Register 1 and DCS of Register 2 connects to VDD
**) RESET, PCK7 and PCK7 connet to both Registers.
Other signals connect to one of two Registers.
A0
Serial PD
A1 A2
SA0 SA1 SA2
SCL
SDA
WP
VDD,
V SS
D0 - D17
VDDQ
VREF
VDDSPD
Serial PD
D0 - D17
D0 - D17
CK 0
CK 0
P
L
L
PCK0-PCK6, PCK8,PCK9
CK : SDRAMs D0-D17
RESET
OE
PCK7 -> CK : Register
PCK7 > CK : Register
PCK0-PCK6, PCK8,PCK9
CK : SDRAMs D0-D17
CKE0
RCK E0 -> CKE :SDRAMs
BA 0-BA1
A0 -A12
RAS
CAS
WE
1:2
R
E
G
I
S
T
E
R
RBA0 -RBA1-> BA0-BA1 : SDRAMs
RA0 -RA 12-> A0 -A 12: SDR A Ms
RRA S -> RAS : SD RAMs
RCAS -> C A S: SDRAMs
RW E -> WE : SD RAMs
CS0 *
RS0 -> C S : SDRAMs D0-D17
D0-D17
D0-D17
D0-D17
D0-D17
PCK7
RST
RESET
PCK 7
D0-D17


Similar Part No. - HYB18T256800AC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T256800AF INFINEON-HYB18T256800AF Datasheet
1Mb / 90P
   256 Mbi t DDR2 SDRAM
V1.02, May 2004
logo
Qimonda AG
HYB18T256800AF QIMONDA-HYB18T256800AF Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYB18T256800AF QIMONDA-HYB18T256800AF Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYB18T256800AF-3 INFINEON-HYB18T256800AF-3 Datasheet
1Mb / 90P
   256 Mbi t DDR2 SDRAM
V1.02, May 2004
HYB18T256800AF-37 INFINEON-HYB18T256800AF-37 Datasheet
1Mb / 90P
   256 Mbi t DDR2 SDRAM
V1.02, May 2004
More results

Similar Description - HYB18T256800AC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com