Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRGDC0250 Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRGDC0250
Description  Low Switching Losses
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRGDC0250 Datasheet(HTML) 5 Page - International Rectifier

  AUIRGDC0250 Datasheet HTML 1Page - International Rectifier AUIRGDC0250 Datasheet HTML 2Page - International Rectifier AUIRGDC0250 Datasheet HTML 3Page - International Rectifier AUIRGDC0250 Datasheet HTML 4Page - International Rectifier AUIRGDC0250 Datasheet HTML 5Page - International Rectifier AUIRGDC0250 Datasheet HTML 6Page - International Rectifier AUIRGDC0250 Datasheet HTML 7Page - International Rectifier AUIRGDC0250 Datasheet HTML 8Page - International Rectifier AUIRGDC0250 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 2, 2015
AUIRGDC0250
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 11 - Typical VCE vs. VGE
TJ = 150°C
Fig. 12- Typ. Transfer Characteristics
VCE = 50V; tp = 20μs
Fig. 8 - Typ. IGBT Output Characteristics
TJ = 150°C; tp = 20μs
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 20μs
5
101520
VGE (V)
0
1
2
3
4
5
6
7
8
ICE = 17A
ICE = 33A
ICE = 66A
5
101520
VGE (V)
0
1
2
3
4
5
6
7
8
ICE = 17A
ICE = 33A
ICE = 66A
5
101520
VGE (V)
0
1
2
3
4
5
6
7
8
ICE = 17A
ICE = 33A
ICE = 66A
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 9.0V
VGE = 8.0V
VGE = 7.0V
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 9.0V
VGE = 8.0V
VGE = 7.0V
4567
89
10
11
VGE (V)
0
20
40
60
80
100
TJ = 25°C
TJ = 150°C


Similar Part No. - AUIRGDC0250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRGDC0250 INFINEON-AUIRGDC0250 Datasheet
443Kb / 10P
   Low VCE (on) Planar IGBT Technology
2018-03-01
More results

Similar Description - AUIRGDC0250

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
   low switching losses
logo
STMicroelectronics
STTH8BC065 STMICROELECTRONICS-STTH8BC065 Datasheet
47Kb / 3P
   low switching losses
November 2010 Rev 1
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
   low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
International Rectifier
IRGB4064DPBF IRF-IRGB4064DPBF_15 Datasheet
379Kb / 11P
   Low Switching Losses
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF_15 Datasheet
295Kb / 9P
   Low Switching Losses
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF_15 Datasheet
320Kb / 10P
   Low Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com