Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRGP66524D0 Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRGP66524D0
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRGP66524D0 Datasheet(HTML) 2 Page - International Rectifier

  AUIRGP66524D0 Datasheet HTML 1Page - International Rectifier AUIRGP66524D0 Datasheet HTML 2Page - International Rectifier AUIRGP66524D0 Datasheet HTML 3Page - International Rectifier AUIRGP66524D0 Datasheet HTML 4Page - International Rectifier AUIRGP66524D0 Datasheet HTML 5Page - International Rectifier AUIRGP66524D0 Datasheet HTML 6Page - International Rectifier AUIRGP66524D0 Datasheet HTML 7Page - International Rectifier AUIRGP66524D0 Datasheet HTML 8Page - International Rectifier AUIRGP66524D0 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
 
AUIRGP/F66524D0
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
October 10, 2014
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
 
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 100µA
V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage
0.21
V/°C VGE=0V, IC=20mA (25°C-175°C)
1.60
1.90
IC = 24A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
1.95
V
IC = 24A, VGE = 15V, TJ = 150°C
2.0
IC = 24A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
5.5
6.5
7.5
V
VCE = VGE, IC = 250µA
VGE(th)/TJ Threshold Voltage temp. coefficient
-28
mV/°C VCE=VGE, IC=1mA(25°C-175°C)
gfe
Forward Transconductance
21
S
VCE = 50V, IC = 24A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
1.1
50
µA
VGE = 0V, VCE = 600V
VFM
Diode Forward Voltage Drop
1.50
1.90
IF = 24A
1.40
IF = 24A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
V
Thermal Resistance
Parameter
Typ.
Max.
Units
RJC (IGBT)
Thermal Resistance Junction-to-Case (each IGBT) 
–––
0.7
RJC (Diode)
Thermal Resistance Junction-to-Case (each Diode) 
–––
1.1
RCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
0.24
–––
RJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
40
°C/W  
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
 
Parameter
Min.
Typ.
Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
50
80
nC
IC = 24A
Qge
Gate-to-Emitter Charge (turn-on)
16
24
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
26
39
VCC = 400V
Eon
Turn-On Switching Loss
915
1045
µJ
Eoff
Turn-Off Switching Loss
280
395
Etotal
Total Switching Loss
1195 1440
IC = 24A, VCC = 400V, VGE = 15V
td(on)
Turn-On delay time
30
50
ns
RG = 10, L = 740µH, TJ = 25°C
tr
Rise time
25
45
Energy losses include tail & diode
td(off)
Turn-Off delay time
75
95
reverse recovery
tf
Fall time
25
45
Eon
Turn-On Switching Loss
1280
µJ
Eoff
Turn-Off Switching Loss
550
Etotal
Total Switching Loss
1830
IC = 24A, VCC = 400V, VGE = 15V
td(on)
Turn-On delay time
30
ns
RG = 10, L = 740µH, TJ = 175°C
tr
Rise time
25
Energy losses include tail & diode
td(off)
Turn-Off delay time
100
reverse recovery
tf
Fall time
95
Cies
Input Capacitance
1460
pF
VGE = 0V
Coes
Output Capacitance
120
VCC = 30V
Cres
Reverse Transfer Capacitance
50
f = 1.0Mhz
TJ = 175°C, IC = 96A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp ≤ 600V
Rg = 10
, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
6
TJ = 150°C, VCC = 400V, Vp ≤600V
Rg = 50
, VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
570
µJ
TJ = 175°C
trr
Diode Reverse Recovery Time
176
ns
VCC = 400V, IF = 24A
Irr
Peak Reverse Recovery Current
19
A
VGE = 15V, Rg = 10, L = 740µH
µs
Notes:
VCC = 80% (VCES), VGE = 20V, L = 740µH, RG = 10.
Pulse width limited by max. junction temperature.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
Ris measured at TJ approximately 90°C.


Similar Part No. - AUIRGP66524D0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRGP65G40D0 IRF-AUIRGP65G40D0 Datasheet
578Kb / 15P
   ULTRAFAST IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - AUIRGP66524D0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com