Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRLB3036 Datasheet(PDF) 9 Page - International Rectifier

Part # AUIRLB3036
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLB3036 Datasheet(HTML) 9 Page - International Rectifier

Back Button AUIRLB3036 Datasheet HTML 3Page - International Rectifier AUIRLB3036 Datasheet HTML 4Page - International Rectifier AUIRLB3036 Datasheet HTML 5Page - International Rectifier AUIRLB3036 Datasheet HTML 6Page - International Rectifier AUIRLB3036 Datasheet HTML 7Page - International Rectifier AUIRLB3036 Datasheet HTML 8Page - International Rectifier AUIRLB3036 Datasheet HTML 9Page - International Rectifier AUIRLB3036 Datasheet HTML 10Page - International Rectifier AUIRLB3036 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 08, 2014
AUIRLB3036
† Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions (if any) to AEC-Q101 requirements are noted in the qualification report.
††† Highest passing voltage.
Qualification Information
TO-220AB
N/A
Charged Device Model
Class C5 (+/- 2000V)†††
AEC-Q101-005
Qualification Level
Automotive
(per AEC-Q101)
††
Comments:
This part number(s) passed Automotive
qualification. IR’s Industrial and Consumer qualification level
is granted by extension of the higher Automotive level.
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M4 (+/- 800V)†††
AEC-Q101-002
Human Body Model
Class H3A (+/- 6000V)†††
AEC-Q101-001


Similar Part No. - AUIRLB3036

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRL1404L IRF-AUIRL1404L Datasheet
256Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRL1404L INFINEON-AUIRL1404L Datasheet
600Kb / 11P
   AUTOMOTIVE GRADE
2015-10-27
logo
International Rectifier
AUIRL1404S IRF-AUIRL1404S Datasheet
256Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRL1404S INFINEON-AUIRL1404S Datasheet
600Kb / 11P
   AUTOMOTIVE GRADE
2015-10-27
AUIRL1404STRL INFINEON-AUIRL1404STRL Datasheet
600Kb / 11P
   AUTOMOTIVE GRADE
2015-10-27
More results

Similar Description - AUIRLB3036

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com