Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T64000GR-5-A Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # HYS72T64000GR-5-A
Description  DDR2 Registered Memory Modules
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72T64000GR-5-A Datasheet(HTML) 5 Page - Infineon Technologies AG

  HYS72T64000GR-5-A Datasheet HTML 1Page - Infineon Technologies AG HYS72T64000GR-5-A Datasheet HTML 2Page - Infineon Technologies AG HYS72T64000GR-5-A Datasheet HTML 3Page - Infineon Technologies AG HYS72T64000GR-5-A Datasheet HTML 4Page - Infineon Technologies AG HYS72T64000GR-5-A Datasheet HTML 5Page - Infineon Technologies AG HYS72T64000GR-5-A Datasheet HTML 6Page - Infineon Technologies AG HYS72T64000GR-5-A Datasheet HTML 7Page - Infineon Technologies AG HYS72T64000GR-5-A Datasheet HTML 8Page - Infineon Technologies AG HYS72T64000GR-5-A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
HYS72T[256/128/64][0/2][0/2]0[G/H]R-[5/3.7]-A
Registered DDR2 SDRAM Modules
Data Sheet
5
Rev. 0.85, 2004-04
Preliminary
1.5 Pin Configuration
PIN#
Symbol
PIN#
Symbol
PIN#
Symbol
PIN#
Symbol
1
VREF
121
VSS
61
A4
181
VDDQ
2
VSS
122
DQ4
62
VDDQ
182
A3
3
DQ0
123
DQ5
63
A2
183
A1
4
DQ1
124
VSS
64
VDD
184
VDD
5
VSS
125
DM0, DQS9
KEY
KEY
6DQS0
126
DQS9
65
VSS
185
CK0
7
DQS0
127
VSS
66
VSS
186
CK0
8
VSS
128
DQ6
67
VDD
187
VDD
9
DQ2
129
DQ7
68
NC
188
A0
10
DQ3
130
VSS
69
VDD
189
VDD
11
VSS
131
DQ12
70
A10/AP
190
BA1
12
DQ8
132
DQ13
71
BA0
191
VDDQ
13
DQ9
133
VSS
72
VDDQ
192
RAS
14
VSS
134
DM1, DQS10
73
WE
193
CS0
15
DQS1
135
DQS10
74
CAS
194
VDDQ
16
DQS1
136
VSS
75
VDDQ
195
ODT0
17
VSS
137
NC
76
CS1
196
A13
18
RESET
138
NC
77
ODT1
197
VDD
19
NC
139
VSS
78
VDDQ
198
VSS
20
VSS
140
DQ14
79
VSS
199
DQ36
21
DQ10
141
DQ15
80
DQ32
200
DQ37
22
DQ11
142
VSS
81
DQ33
201
VSS
23
VSS
143
DQ20
82
VSS
202
DM4, DQS13
24
DQ16
144
DQ21
83
DQS4
203
DQS13
25
DQ17
145
VSS
84
DQS4
204
VSS
26
VSS
146
DM2, DQS11
85
VSS
205
DQ38
27
DQS2
147
DQS11
86
DQ34
206
DQ39
28
DQS2
148
VSS
87
DQ35
207
VSS
29
VSS
149
DQ22
88
VSS
208
DQ44
30
DQ18
150
DQ23
89
DQ40
209
DQ45
31
DQ19
151
VSS
90
DQ41
210
VSS
32
VSS
152
DQ28
91
VSS
211
DM5, DQS14
33
DQ24
153
DQ29
92
DQS5
212
DQS14
34
DQ25
154
VSS
93
DQS5
213
VSS
35
VSS
155
DM3, DQS12
94
VSS
214
DQ46
36
DQS3
156
DQS12
95
DQ42
215
DQ47
37
DQS3
157
VSS
96
DQ43
216
VSS
38
VSS
158
DQ30
97
VSS
217
DQ52
39
DQ26
159
DQ31
98
DQ48
218
DQ53
40
DQ27
160
VSS
99
DQ49
219
VSS


Similar Part No. - HYS72T64000GR-5-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000GR-5-A INFINEON-HYS72T64000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
More results

Similar Description - HYS72T64000GR-5-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000GR-5-A INFINEON-HYS72T64000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T32000GR INFINEON-HYS72T32000GR Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com