Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCL175PS28 Datasheet(PDF) 2 Page - XP Power Limited

Part # RCL175PS28
Description  175 W with 12 CFM cooling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCL175PS28 Datasheet(HTML) 2 Page - XP Power Limited

  RCL175PS28 Datasheet HTML 1Page - XP Power Limited RCL175PS28 Datasheet HTML 2Page - XP Power Limited RCL175PS28 Datasheet HTML 3Page - XP Power Limited RCL175PS28 Datasheet HTML 4Page - XP Power Limited RCL175PS28 Datasheet HTML 5Page - XP Power Limited RCL175PS28 Datasheet HTML 6Page - XP Power Limited RCL175PS28 Datasheet HTML 7Page - XP Power Limited RCL175PS28 Datasheet HTML 8Page - XP Power Limited RCL175PS28 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
General Specifications
xppower.com
2
Input Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
90(1)
264
VAC
120-370 VDC
Input Frequency
47
50/60
63
Hz
Power Factor
0.9
230 VAC
Input Current - No Load
100
mA
230 VAC
Input Current - Full Load
2.1
A
115 VAC
Inrush Current
35
A
230 VAC
Earth Leakage Current
120/200
μA
115/230 VAC (50 Hz)
Input Protection
T3.15 A/250 V internal fuse in both line and neutral
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Reliability and Service Life
Mean Time Between Failure
385
kHrs
MIL-HDBK-217F @ 25 ºC
Isolation
Input to Output Test Voltage
4000
VAC
Test duration: 1 min
Input to Ground Test Voltage
1500
VAC
Test duration: 1 min
Output to Ground
Test Voltage
1500
500
VAC
Test duration: 1 min (Open Frame)(1)
Test duration: 1 min (U Channel &
Covered)
Other Specifications
Switching Frequency: PFC
75
kHz
Switching Frequency: PWM
60
kHz
Weight
1.1 (500)
2.0 (900)
lb (g)
Depending on mechanical configuration
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
See Models and Ratings table
Initial Set Accuracy
±2
%
Output Voltage Adjustment
±10
%
V1 (via pot), outputs 2-4 track by same %
Minimum Load
1.5
A
V1 of multi-output models,
100 mA on auxiliaries
Start Up Delay
2
s
Start Up Rise Time
100
ms
Hold Up Time
20
ms
Nominal low line & maximum power
Drift
±0.2
%
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
V1 & V2: ±3
V3 & V4: ±5
of nominal
%
PQ43 models
V1: ±1
V2, V3 & V4: ±5
of nominal
%
All other models
Transient Response
4
%
Deviation with a 25% load change at
1 A/μs. Recovery within 1% in <500 μs
Ripple & Noise
50
200
mV
20 MHz bandwidth dependent on
output voltage
Overvoltage Protection
115
140
%
Short Circuit Protection
Single output models: constant current limit.
Multi-output models: foldbback current limit.
Temperature Coefficient
0.02
%/˚C
Note:
1. Minimum input voltage is 85 VAC but output power must be derated to 95%.
Note:
1. Unit to be mounted on plastic spacers.
2. All specifications are at nominal input and full resistive load at +25 ºC, unless otherwise stated.


Similar Part No. - RCL175PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RCL175PS28 XPPOWER-RCL175PS28 Datasheet
304Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - RCL175PS28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
   225 W with Forced Air Cooling & 130 W with Convection Cooling
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
   200 W / 300 W with Convection Cooling
logo
Bel Fuse Inc.
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
   225 W with Forced Air Cooling
logo
XP Power Limited
IFC165 XPPOWER-IFC165 Datasheet
989Kb / 14P
   165 Watt Force Cooled (12 CFM)
logo
Bel Fuse Inc.
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
   200 W with Forced-Air Cooling
logo
CUI INC
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
SL Power Electronics
GPM200 SLPOWER-GPM200 Datasheet
48Kb / 2P
   Maximum Continuous Output Power at 50째C With external 26 cfm Airflow = 200 W
logo
Extech Instruments Corp...
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
   CFM/CMM Thermo-Anemometer with IR Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com