Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH7187TRPbF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFH7187TRPbF
Description  Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7187TRPbF Datasheet(HTML) 8 Page - International Rectifier

  IRFH7187TRPbF Datasheet HTML 1Page - International Rectifier IRFH7187TRPbF Datasheet HTML 2Page - International Rectifier IRFH7187TRPbF Datasheet HTML 3Page - International Rectifier IRFH7187TRPbF Datasheet HTML 4Page - International Rectifier IRFH7187TRPbF Datasheet HTML 5Page - International Rectifier IRFH7187TRPbF Datasheet HTML 6Page - International Rectifier IRFH7187TRPbF Datasheet HTML 7Page - International Rectifier IRFH7187TRPbF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
 
IRFH7187PbF
8
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 2, 2015
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
PQFN 5x6 Tape and Reel
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Applicable version of JEDEC standard at the time of product release.
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L = 3.0mH, RG = 50, IAS = 18A.
Pulse width
 400µs; duty cycle  2%.
Ris measured at TJ of approximately 90°C.
When mounted on 1 inch square PCB (FR-4). Please refer to AN-994 for more details:
http://www.irf.com/technical-info/appnotes/an-994.pdf
Qualifiction Information 
Qualification Level  
Industrial
(per JEDEC JESD47F†† guidelines)
Moisture Sensitivity Level
PQFN 5mm x 6mm
MSL1
(per JEDEC J-STD-020D††)
RoHS Compliant
Yes
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
Bo
W
P1
Ao
Ko
CODE
TAPE DIMENSIONS
REEL DIMENSIONS
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Dimension design to accommodate the component width
Dimension design to accommodate the component lenght
Dimension design to accommodate the component thickness
Pitch between successive cavity centers
Overall width of the carrier tape
DESCRIPTION
Type
Package
5 X 6 PQFN
Note: All dimension are nominal
Diameter
Reel
QTY
Width
Reel
(mm)
Ao
(mm)
Bo
(mm)
Ko
(mm)
P1
(mm)
W
Quadrant
Pin 1
(Inch)
W1
(mm)
13
4000
12.4
6.300
5.300
1.20
8.00
12
Q1


Similar Part No. - IRFH7187TRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7182PBF IRF-IRFH7182PBF Datasheet
541Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7182PBF IRF-IRFH7182PBF_15 Datasheet
541Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7184PBF IRF-IRFH7184PBF Datasheet
516Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7184PBF IRF-IRFH7184PBF_15 Datasheet
516Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7185PBF IRF-IRFH7185PBF Datasheet
547Kb / 9P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
More results

Similar Description - IRFH7187TRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7885PBF IRF-IRFH7885PBF_15 Datasheet
518Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7191PBF IRF-IRFH7191PBF_15 Datasheet
489Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7194PBF IRF-IRFH7194PBF_15 Datasheet
762Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFH7191PBF INFINEON-IRFH7191PBF Datasheet
550Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2017-01-24
logo
International Rectifier
IRFH7185PBF IRF-IRFH7185PBF_15 Datasheet
547Kb / 9P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFHM7194TRPBF INFINEON-IRFHM7194TRPBF Datasheet
507Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2016-2-26
logo
International Rectifier
IRFH7188PBF IRF-IRFH7188PBF_15 Datasheet
523Kb / 9P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
logo
International Rectifier
IRFHM792TRPBF IRF-IRFHM792TRPBF Datasheet
269Kb / 9P
   DC-DC Primary Switchl 48V Battery Monitoring
logo
Shenzhen Jingdao Electr...
16S45T JINGDAO-16S45T Datasheet
203Kb / 13P
   Mainly used in switch mode power supplies and high frequency DC-DC converters
2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com