Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS29831PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS29831PBF
Description  LED FLYBACK CONTROL IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS29831PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS29831PBF Datasheet HTML 7Page - International Rectifier IRS29831PBF Datasheet HTML 8Page - International Rectifier IRS29831PBF Datasheet HTML 9Page - International Rectifier IRS29831PBF Datasheet HTML 10Page - International Rectifier IRS29831PBF Datasheet HTML 11Page - International Rectifier IRS29831PBF Datasheet HTML 12Page - International Rectifier IRS29831PBF Datasheet HTML 13Page - International Rectifier IRS29831PBF Datasheet HTML 14Page - International Rectifier IRS29831PBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IRS29831PBF
11
www.irf.com
© 2014 International Rectifier
September 10, 2014
Application Information and Additional
Details
The IRS29831 is a switched mode controller IC
with an integrated high voltage MOSFET designed
for use in Flyback and Buck-Boost converters. An
internal high voltage regulator is included to supply
the IC low voltage VCC supply allowing operation
directly from a DC input voltage up to 600V with
rapid startup at low and high AC line inputs.
Internal high voltage startup
In order to begin operating, the IRS29831 requires
its VCC supply to be raised above the under
voltage lockout positive threshold (VCCUV+) and
to
continue
operating
requires
VCC
to
be
maintained above the
under
voltage lockout
negative threshold (VCCUV-).
The internal high voltage start up circuit provides
the initial VCC voltage until an auxiliary winding
from the converter transformer takes over. A
series resistor RVCC and 18V zener clamp
DZVCC or other voltage limiting scheme is
necessary in line with VCC to prevent damage to
the IRS29831 if the auxiliary winding voltage
exceeds the internal clamp voltage (VCLAMP).
The HV regulator enables the IRS29831 based
LED driver to start up very rapidly and deliver light
within 0.5s of switch on at any line input voltage.
When the converter reaches steady state and
VCC can be supplied through the auxiliary winding
the HV regulator switches off for zero power
dissipation.
The IRS29831 is primarily targeted at LED driver
applications up to 25W using isolated or non-
isolated
Flyback
converter
or
Buck-Boost
topologies. The auxiliary winding is also used to
detect output voltage and zero-crossing point. In
the event of a short circuit at the output, the VCC
supply
from
the
auxiliary
winding
collapses
causing the IRS29831 to enter under voltage
lockout and shut down. The startup sequence is
then re-initialized continuing in “hiccup” mode until
the short circuit is removed. Short circuit protection
is therefore auto-recovering enabling the driver to
tolerate the condition without damage to the
components. A capacitor in the order of 10pF at
the ZX may be required for correct operation.
Primary power regulation
To eliminate feedback circuitry and opto-isolators
where the load consists of a fixed number of
LEDs, the IRS29831 is capable of regulating the
output
current
indirectly
by
calculating
and
controlling the input power of the converter. Since
an LED load has an approximately fixed voltage
the power consumed is proportional to the current.
In practice there are variations in LED forward
voltage drop due to tolerance and temperature,
however perfect accuracy is not usually required in
such applications. For a fixed number of LEDs the
current will be approximately proportional to the
input power allowing output current regulation of
+/-5% over line input from 120VAC to 230VAC.
Power regulation has been shown to provide
slightly less Lumen output variation than current
regulation.
The IRS29831 senses input voltage and current
then averages and multiplies these quantities to
determine the input power. This is then regulated
against an accurate fixed reference to control the
LED current.
The line input voltage is sensed through a resistor
divider (RIN and RDC) to provide a voltage within
the range from 0V to VDCMAX. Primary current is
sensed through shunt resistor (RCS) connected
from the source of the Flyback MOSFET switch to
the DC bus return. This waveform is a high
frequency ramp rising from zero at the beginning
of each switching cycle to reach a peak level at
the point the MOSFET is switched off, remaining
at zero during the off time.
t
ts
V(t)
VOUT(t)
VCS(t)
Figure 1: Current sense waveform
A transconductance error amplifier (OTA) uses an
external capacitor (CCOMP) referenced to 0V to
realize an integrator that provides a stable error
voltage used to control the PWM on time. A
response time of several AC line cycles is
normally used as in typical power factor correction
circuits to enable high power factor and low THD.


Similar Part No. - IRS29831PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS29831 IRF-IRS29831 Datasheet
384Kb / 17P
   Primary constant power control
IRS29831 IRF-IRS29831_15 Datasheet
384Kb / 17P
   Primary constant power control
More results

Similar Description - IRS29831PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2983SPBF IRF-IRS2983SPBF_15 Datasheet
504Kb / 17P
   LED FLYBACK CONTROL IC
IRS2983STRPBF IRF-IRS2983STRPBF Datasheet
502Kb / 17P
   LED FLYBACK CONTROL IC
logo
New Japan Radio
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK
logo
Allegro MicroSystems
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
International Rectifier
IRS2980S IRF-IRS2980S Datasheet
339Kb / 18P
   LED DRIVER CONTROL IC
logo
Shenzhen Tianyuan Semic...
TP9920 TPOWER-TP9920 Datasheet
313Kb / 4P
   LED drive control IC
logo
SHENZHEN FUMAN ELECTRON...
TC9306 FUMAN-TC9306 Datasheet
114Kb / 2P
   LED flashlight control IC
logo
SHOUDING Shouding Semic...
SD3320 SHOUDING-SD3320 Datasheet
716Kb / 5P
   LED drive control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com