Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTE0348D03 Datasheet(PDF) 1 Page - XP Power Limited

Part # JTE0348D03
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTE0348D03 Datasheet(HTML) 1 Page - XP Power Limited

  JTE0348D03 Datasheet HTML 1Page - XP Power Limited JTE0348D03 Datasheet HTML 2Page - XP Power Limited JTE0348D03 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JTE03 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Maximum capacitive load is per output.
3. For optional 3000 VDC isolation add suffix ‘-H’ to model number.
• 4:1 Input Range
• DIP 24 Plastic Case
• Operating Temperature 40 °C to +100 °C
• Single & Dual Outputs
• 1500 VDC Isolation, 3000 VDC Option
• Fully Regulated Output
• No Minimum Load Required
• 3 Year Warranty
Dimensions:
JTE:
1.25 x 0.80 x 0.40” (31.75 x 20.32 x 10.16 mm)
3 Watt
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load(2)
Efficiency
Model Number(3)
No Load
Full Load
9-36 V
3.3 V
900 mA
10 mA
167 mA
470 µF
75%
JTE0324S3V3
5.0 V
600 mA
10 mA
160 mA
470 µF
79%
JTE0324S05
12.0 V
250 mA
10 mA
156 mA
100 µF
81%
JTE0324S12
15.0 V
200 mA
10 mA
154 mA
100 µF
82%
JTE0324S15
24.0 V
125 mA
10 mA
154 mA
47 µF
82%
JTE0324S24
±3.3 V
±450 mA
10 mA
167 mA
±220 µF
75%
JTE0324D03
±5.0 V
±300 mA
10 mA
160 mA
±220 µF
79%
JTE0324D05
±12.0 V
±125 mA
10 mA
156 mA
±100 µF
81%
JTE0324D12
±15.0 V
±100 mA
15 mA
156 mA
±100 µF
81%
JTE0324D15
±24.0 V
±63 mA
20 mA
159 mA
±47 µF
80%
JTE0324D24
18-75 V
3.3 V
900 mA
7 mA
84 mA
470 µF
75%
JTE0348S3V3
5.0 V
600 mA
7 mA
80 mA
470 µF
79%
JTE0348S05
12.0 V
250 mA
7 mA
78 mA
100 µF
81%
JTE0348S12
15.0 V
200 mA
7 mA
77 mA
100 µF
82%
JTE0348S15
24.0 V
125 mA
7 mA
77 mA
47 µF
82%
JTE0348S24
±3.3 V
±450 mA
7 mA
84 mA
±220 µF
75%
JTE0348D03
±5.0 V
±300 mA
7 mA
78 mA
±220 µF
81%
JTE0348D05
±12.0 V
±125 mA
7 mA
78 mA
±100 µF
81%
JTE0348D12
±15.0 V
±100 mA
7 mA
78 mA
±100 µF
81%
JTE0348D15
±24.0 V
±63 mA
10 mA
81 mA
±47 µF
79%
JTE0348D24


Similar Part No. - JTE0348D03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTE0624D03 XPPOWER-JTE0624D03 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
JTE0624D05 XPPOWER-JTE0624D05 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
JTE0624D12 XPPOWER-JTE0624D12 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
JTE0624D15 XPPOWER-JTE0624D15 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
JTE0624D24 XPPOWER-JTE0624D24 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
More results

Similar Description - JTE0348D03

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com