Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3GB2812S Datasheet(PDF) 10 Page - International Rectifier

Part # M3GB2812S
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3GB2812S Datasheet(HTML) 10 Page - International Rectifier

Back Button M3GB2812S Datasheet HTML 5Page - International Rectifier M3GB2812S Datasheet HTML 6Page - International Rectifier M3GB2812S Datasheet HTML 7Page - International Rectifier M3GB2812S Datasheet HTML 8Page - International Rectifier M3GB2812S Datasheet HTML 9Page - International Rectifier M3GB2812S Datasheet HTML 10Page - International Rectifier M3GB2812S Datasheet HTML 11Page - International Rectifier M3GB2812S Datasheet HTML 12Page - International Rectifier M3GB2812S Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.irf.com
M3GB-SERIES
(28V Input, Single/Dual Output)
B) Output Voltage Adjustment.
To adjust the output voltage of the single output models, a resistor (RADJ) is connected between the Adjust
pin (Pin 8) and either the positive or negative remote sense pins, depending on whether the output voltage
is to be adjusted higher or lower than the nominal set-point. This allows the outputs to be reliably adjusted
by approximately +10% to -20% of the nominal output voltage. Refer to Fig. 7 and use equations provided
to calculate the required resistance (RADJ).
Fig 7. Configuration for Adjusting Single Output Voltage
Single Output:
For all Single Output Models, to adjust the output voltages higher:
RADJ =
10 x (VNOM –2.5)
-50
VOUT -VNOM
Where: RADJ is in kOhms
RADJ is connected to the -Out pin and VNOM < VOUT < 1.1VNOM (Fig. 7, Note 2)
VNOM is the nominal output voltage with the Adjust Pin left open
VOUT is the desired output voltage
For all Single Output Models, to adjust the output voltages lower:
RADJ =
4 x (VNOM – 2.5) x ( VOUT –2.5)
-50
VNOM -VOUT
Where: RADJ is in kOhms
RADJ is connected to the +Out pin and 0.8VNOM < VOUT < VNOM (Fig. 7, Note 1)
VNOM is the nominal output voltage with the Adjust Pin left open
VOUT is the desired output voltage


Similar Part No. - M3GB2812S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3GB2800S IRF-M3GB2800S Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
M3GB2800T IRF-M3GB2800T Datasheet
198Kb / 11P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results

Similar Description - M3GB2812S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com