Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTE0348D15 Datasheet(PDF) 3 Page - XP Power Limited

Part # JTE0348D15
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTE0348D15 Datasheet(HTML) 3 Page - XP Power Limited

  JTE0348D15 Datasheet HTML 1Page - XP Power Limited JTE0348D15 Datasheet HTML 2Page - XP Power Limited JTE0348D15 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JTE03 Series
www.xppower.com
DC-DC Converter
3
4 Aug 14
Printed Face
3
2
11
9
22
23
14
16
Bottom View
1.25
(31.75)
0.80
(20.32)
0.40
(10.16)
0.60
(15.24)
0.90
(22.86)
0.02
(0.50)
0.02
(0.50)
0.20
(5.08)
0.12
(3.00)
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
3A
Radiated Immunity
EN61000-4-3
20 Vrms
A
EFT/Burst
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 2
A
External input capacitor required 330 µF/100 V
Conducted Immunity
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class A
Class B with external components, see application notes
Radiated
EN55022
Class A
1. All dimensions are in inches (mm)
2. Weight: 0.03 lbs (13.0 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
N.P.
Common
11
N.C.
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Mechanical Details
Application Notes
4.7 µF(K)
50 V
50 V
4.7 µF(K)
300 pF (M), 2kV
4.7 µH
+
-
+Vin
+Vout
DC/DC
Converter
-Vout
Load
-Vin
Class B Conducted Emissions Filter


Similar Part No. - JTE0348D15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTE0624D03 XPPOWER-JTE0624D03 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
JTE0624D05 XPPOWER-JTE0624D05 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
JTE0624D12 XPPOWER-JTE0624D12 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
JTE0624D15 XPPOWER-JTE0624D15 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
JTE0624D24 XPPOWER-JTE0624D24 Datasheet
246Kb / 2P
   DIP-24 Plastic Case
More results

Similar Description - JTE0348D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com