Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD09N03L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPD09N03L
Description  OptiMOS Buck converter series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD09N03L Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPD09N03L Datasheet HTML 1Page - Infineon Technologies AG IPD09N03L Datasheet HTML 2Page - Infineon Technologies AG IPD09N03L Datasheet HTML 3Page - Infineon Technologies AG IPD09N03L Datasheet HTML 4Page - Infineon Technologies AG IPD09N03L Datasheet HTML 5Page - Infineon Technologies AG IPD09N03L Datasheet HTML 6Page - Infineon Technologies AG IPD09N03L Datasheet HTML 7Page - Infineon Technologies AG IPD09N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2002-01-17
Page 7
IPD09N03L
13 Typ. avalanche energy
EAS = f (Tj)
par.: ID = 30 A, VDD = 25 V, RGS = 25 Ω
25
45
65
85
105
125
145
°C
185
Tj
0
20
40
60
80
100
120
mJ
160
14 Typ. gate charge
VGS = f (QGate)
parameter: ID = 15 A pulsed
0
10
20
30
40
nC
55
QGate
0
2
4
6
8
10
12
V
16
IPD09N03L
0.2 VDS max
0.5 VDS max
0.8 VDS max
15 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
parameter: ID=10 mA
-60
-20
20
60
100
140
°C
200
Tj
27
28
29
30
31
32
33
34
V
36
IPD09N03L


Similar Part No. - IPD09N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD09N03LA INFINEON-IPD09N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPD09N03LA INFINEON-IPD09N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
IPD09N03LA INFINEON-IPD09N03LA Datasheet
403Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
IPD09N03LAG INFINEON-IPD09N03LAG Datasheet
403Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
IPD09N03LBG INFINEON-IPD09N03LBG Datasheet
411Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-15
More results

Similar Description - IPD09N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD20N03L INFINEON-IPD20N03L Datasheet
158Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L Datasheet
156Kb / 8P
   OptiMOS Buck converter series
2003-03-17
IPP10N03L INFINEON-IPP10N03L Datasheet
452Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP04N03L INFINEON-IPP04N03L Datasheet
455Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L_06 Datasheet
198Kb / 8P
   OptiMOS Buck converter series
Rev. 2.3 2006-12-01
IPD12N03L INFINEON-IPD12N03L Datasheet
152Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP05N03L INFINEON-IPP05N03L Datasheet
449Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP15N03L INFINEON-IPP15N03L Datasheet
448Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPD14N03L INFINEON-IPD14N03L Datasheet
424Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP07N03L INFINEON-IPP07N03L Datasheet
166Kb / 8P
   OptiMOS Buck converter series
2002-10-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com