Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V1283201GR-7-D Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYS72V1283201GR-7-D
Description  PC133 Registered SDRAM-Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V1283201GR-7-D Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYS72V1283201GR-7-D Datasheet HTML 5Page - Infineon Technologies AG HYS72V1283201GR-7-D Datasheet HTML 6Page - Infineon Technologies AG HYS72V1283201GR-7-D Datasheet HTML 7Page - Infineon Technologies AG HYS72V1283201GR-7-D Datasheet HTML 8Page - Infineon Technologies AG HYS72V1283201GR-7-D Datasheet HTML 9Page - Infineon Technologies AG HYS72V1283201GR-7-D Datasheet HTML 10Page - Infineon Technologies AG HYS72V1283201GR-7-D Datasheet HTML 11Page - Infineon Technologies AG HYS72V1283201GR-7-D Datasheet HTML 12Page - Infineon Technologies AG HYS72V1283201GR-7-D Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
HYS 72Vxx3xxGR
PC133 Registered SDRAM-Modules
INFINEON Technologies
9
2002-07-18
Operating Currents per SDRAM Component
T
A =0 to 70 °C
1), V
DD =3.3 V ± 0.3 V
Parameter
Test Condition Symbol 64
Mb
128
Mb
256
Mb
512
Mb
Unit Note
max.
Operating current
t
RC = tRC(MIN.), tCK = tCK(MIN.)
Outputs open, Burst Length = 4,
CL = 3. All banks operated in
random access, all banks
operated in ping-pong manner
to maximize gapless data
access
I
CC1
110
160
270
tbd.
mA
2)
Precharge stand-by current
in Power Down Mode
CS =
V
IH(MIN.),CKE ≤ VIL(MAX.)
t
CK =min.
I
CC2P
21.5
2tbd.
mA
2)
Precharge Stand-by Current
in Non-Power Down Mode
CS =
V
IH (MIN.),CKE ≥ VIH(MIN.)
t
CK =min.
I
CC2N
40
40
25
tbd.
mA
2)
No operating current
t
CK =min., CS = VIH(MIN.),
active state (max. 4 banks)
CKE
V
IH(MIN.)
I
CC3N
50
50
50
tbd.
mA
2)
CKE
V
IL(MAX.)
I
CC3P
8
1010tbd.
mA
2)
Burst operating current
t
CK =min.,
Read command cycling
I
CC4
70
100
170
tbd.
mA
2), 3)
Auto refresh current
t
CK =min.,
Auto Refresh command cycling
I
CC5
140
230
240
tbd.
mA
2)
Self refresh current
Self Refresh Mode,CKE = 0.2 V
I
CC6
1
1.5
2.5
tbd.
mA
2)


Similar Part No. - HYS72V1283201GR-7-D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS72V1000GU-50 SIEMENS-HYS72V1000GU-50 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS72V1000GU-70 SIEMENS-HYS72V1000GU-70 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS72V16200GU-8 SIEMENS-HYS72V16200GU-8 Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
HYS72V16200GU-8B SIEMENS-HYS72V16200GU-8B Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
HYS72V16220GU-10 SIEMENS-HYS72V16220GU-10 Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
More results

Similar Description - HYS72V1283201GR-7-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D32500GR INFINEON-HYS72D32500GR Datasheet
1Mb / 39P
   Registered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
HYS72D16000GR INFINEON-HYS72D16000GR Datasheet
676Kb / 28P
   Registered DDR SDRAM-Modules
Rev. 1.04, Jan. 2004
logo
List of Unclassifed Man...
KVR133X72RC3 ETC2-KVR133X72RC3 Datasheet
83Kb / 1P
   PC133 Registered SDRAM 168-Pin ECC DIMM Memory Module
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com