Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T128020HR-5-A Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # HYS72T128020HR-5-A
Description  DDR2 Registered Memory Modules
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72T128020HR-5-A Datasheet(HTML) 4 Page - Infineon Technologies AG

  HYS72T128020HR-5-A Datasheet HTML 1Page - Infineon Technologies AG HYS72T128020HR-5-A Datasheet HTML 2Page - Infineon Technologies AG HYS72T128020HR-5-A Datasheet HTML 3Page - Infineon Technologies AG HYS72T128020HR-5-A Datasheet HTML 4Page - Infineon Technologies AG HYS72T128020HR-5-A Datasheet HTML 5Page - Infineon Technologies AG HYS72T128020HR-5-A Datasheet HTML 6Page - Infineon Technologies AG HYS72T128020HR-5-A Datasheet HTML 7Page - Infineon Technologies AG HYS72T128020HR-5-A Datasheet HTML 8Page - Infineon Technologies AG HYS72T128020HR-5-A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
HYS72T[256/128/64][0/2][0/2]0[G/H]R-[5/3.7]-A
Registered DDR2 SDRAM Modules
Data Sheet
4
Rev. 0.85, 2004-04
Preliminary
1.3 Components on Modules and RawCard
1.4 Pin Definition and Function
DIMM
Density
DRAM components
reference datasheet
PLL
Register
Raw Card
512 MB
HYB18T512800AC
HYB18T512800AF
1:10, 1.8V, CU877
1:1 25-bit 1.8V SSTU32864
A
1024 MB
HYB18T512800AC
HYB18T512800AF
1:10, 1.8V, CU877
1:2 14-bit 1.8V SSTU32864
B
1024 MB
HYB18T512400AC
HYB18T512400AF
1:10, 1.8V, CU877
1:2 14-bit 1.8V SSTU32864
C
2048 MB
HYB18T512400AC
HYB18T512400AF
tbd.
tbd.
tbd.
2048 MB
HYB18T512400AC
HYB18T512400AF
tbd.
tbd.
tbd.
For a detailed description of all functionalities of the DRAM components on these modules see the referenced component data
sheet
Pin Name
Description
Pin Name
Description
A[13:0]
Row Address Inputs
CB[7:0]
DIMM ECC Check Bits
A11, A[9:0]
Column Address Inputs
4)
DQS[8:0]
SDRAM low data strobes
A10/AP
Column Address Input for Auto-
Precharge
DM[8:0] /
DQS[17:9]
SDRAM low data mask/
high data strobes
BA[1:0]
SDRAM Bank Selects
DQS[17:0]
SDRAM differential data strobes
CK0
Clock input
(positive line of differential pair)
SCL
Serial bus clock
CK0
Clock input
(negative line of differential pair)
SDA
Serial bus data line
RAS
Row Address Strobe
SA[2:0]
slave address select
CAS
Column Address Strobe
V
DD
Power (+ 1.8 V)
WE
Read/Write Input
V
REF
I/O reference supply
CS[1:0]
Chip Selects
3)
V
SS
Ground
CKE[1:0]
Clock Enable
3)
V
DDSPD
EEPROM power supply
ODT[1:0]
Active termination control lines
1) 3)
RESET
Register and PLL control pin
2)
DQ[63:0]
Data Input/Output
NC
No connection
1) Active termination only applies to DQ, DQS, DQS and DM signals
2) When low, all register outputs will be driven low and the PLL clocks to the DRAM and registers will be set to low levels (the
PLL will remain synchronized with the input clock
3) CS1, ODT1 and CKE1 are used on dual rank modules only
4) Column address A11 is used on modules based on x4 organised 512Mb DDR2 components only.


Similar Part No. - HYS72T128020HR-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T128020HR-5-A QIMONDA-HYS72T128020HR-5-A Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS72T128020HR-5-A INFINEON-HYS72T128020HR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
More results

Similar Description - HYS72T128020HR-5-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000GR-5-A INFINEON-HYS72T64000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T32000GR INFINEON-HYS72T32000GR Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com