Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T128020HR-37-A Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYS72T128020HR-37-A
Description  DDR2 Registered Memory Modules
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72T128020HR-37-A Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYS72T128020HR-37-A Datasheet HTML 6Page - Infineon Technologies AG HYS72T128020HR-37-A Datasheet HTML 7Page - Infineon Technologies AG HYS72T128020HR-37-A Datasheet HTML 8Page - Infineon Technologies AG HYS72T128020HR-37-A Datasheet HTML 9Page - Infineon Technologies AG HYS72T128020HR-37-A Datasheet HTML 10Page - Infineon Technologies AG HYS72T128020HR-37-A Datasheet HTML 11Page - Infineon Technologies AG HYS72T128020HR-37-A Datasheet HTML 12Page - Infineon Technologies AG HYS72T128020HR-37-A Datasheet HTML 13Page - Infineon Technologies AG HYS72T128020HR-37-A Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
HYS72T[256/128/64][0/2][0/2]0[G/H]R-[5/3.7]-A
Registered DDR2 SDRAM Modules
Data Sheet
10
Rev. 0.85, 2004-04
Preliminary
Block Diagrams (cont’d)
2.3 One Rank 128M x 72 (1 GByte) DDR2 SDRAM DIMM Modules (x4 components)
HYS72T128000[G/H] on Raw Card C
ODT0
RODT0 -> ODT : SDRAMs D0-D17
RS0
VSS
DQS0
DQS0
D0
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ3
DQ0
DQ1
DQ2
DQS1
D1
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ11
DQ8
DQ9
DQ10
DQS2
D2
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ19
DQ16
DQ17
DQ18
DQS3
D3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ27
DQ24
DQ25
DQ26
DQS4
D4
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ35
DQ32
DQ33
DQ34
DQS5
D5
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ43
DQ40
DQ41
DQ42
DQS6
D6
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ51
DQ48
DQ49
DQ50
DQS7
D7
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ59
DQ56
DQ57
DQ58
DQS8
D8
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CB3
CB0
CB1
CB2
DQS9
DQS9
D9
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ7
DQ4
DQ5
DQ6
D10
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ15
DQ12
DQ13
DQ14
D11
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ23
DQ20
DQ21
DQ22
D12
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ31
DQ28
DQ29
DQ30
D13
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ39
DQ36
DQ37
DQ38
D14
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ47
DQ44
DQ45
DQ46
D15
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ55
DQ52
DQ53
DQ54
D16
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
DQ63
DQ60
DQ61
DQ62
D17
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CB7
CB4
CB5
CB6
DQS0
DQS2
DQS3
DQS4
DQS5
DQS6
DQS7
DQS8
DQS10
DQS10
DQS11
DQS11
DQS12
DQS12
DQS13
DQS13
DQS14
DQS14
DQS15
DQS15
DQS16
DQS16
DQS17
DQS17
DQ-to-I/O wiring may be changed within per nibble
Unless otherwise noted, resistor values are 22 Ohms
*) CS0 connects to DCS of Register 1 and CSR of Register 2,
CSR of Register 1 and DCS of Register 2 connects to VDD
**) RESET, PCK7 and PCK7 connet to both Registers.
Other signals connect to one of two Registers.
A0
Serial PD
A1
A2
SA0 SA1 SA2
SCL
SDA
WP
VDD,
V SS
D0 - D17
VDDQ
VREF
VDDSPD
Serial PD
D0 - D17
D0 - D17
CK 0
CK 0
P
L
L
PCK0-PCK6,
PCK8,PCK9
CK : SDRAMs D0-D17
RESET
OE
PCK7 -> CK : Register
PCK7
> CK : Register
PCK0-PCK6,
PCK8,PCK9
CK : SDRAMs D0-D17
CKE0
RCK E0 -> CKE :SDRAMs
BA 0-BA1
A0 -A13
RAS
CAS
WE
1:2
R
E
G
I
S
T
E
R
RB A0 -RBA1-> BA0-BA1 : SDRAMs
RA0 -RA 13-> A0 -A 13: SDR A Ms
RR A S -> RAS : SD RAMs
RC AS -> C A S: SD RAMs
RW E -> WE : SD RAMs
CS0 *
RS0 -> C S : SDRAMs D0-D17
D0-D17
D0-D17
D0-D17
D0-D17
PCK7
RST
RESET
PCK 7
D0-D17


Similar Part No. - HYS72T128020HR-37-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T128020HR-3-A QIMONDA-HYS72T128020HR-3-A Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T128020HR-3.7-A QIMONDA-HYS72T128020HR-3.7-A Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS72T128020HR-3.7-A INFINEON-HYS72T128020HR-3.7-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
logo
Qimonda AG
HYS72T128020HR-3.7-B QIMONDA-HYS72T128020HR-3.7-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T128020HR-3S-A QIMONDA-HYS72T128020HR-3S-A Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T128020HR-37-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000GR-5-A INFINEON-HYS72T64000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T32000GR INFINEON-HYS72T32000GR Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com