Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL7LN80K5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL7LN80K5
Description  N-channel 800 V, 0.95typ., 5 A MDmesh??K5 Power MOSFET in a PowerFLAT??5x6 VHV package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7LN80K5 Datasheet(HTML) 2 Page - STMicroelectronics

  STL7LN80K5 Datasheet HTML 1Page - STMicroelectronics STL7LN80K5 Datasheet HTML 2Page - STMicroelectronics STL7LN80K5 Datasheet HTML 3Page - STMicroelectronics STL7LN80K5 Datasheet HTML 4Page - STMicroelectronics STL7LN80K5 Datasheet HTML 5Page - STMicroelectronics STL7LN80K5 Datasheet HTML 6Page - STMicroelectronics STL7LN80K5 Datasheet HTML 7Page - STMicroelectronics STL7LN80K5 Datasheet HTML 8Page - STMicroelectronics STL7LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
STL7LN80K5
2/16
DocID028831 Rev 2
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ..................................................................................... 8
4
Package information ....................................................................... 9
4.1
PowerFLAT™ 5x6 VHV package information ................................. 10
4.2
PowerFL
AT™ 5x6 packing information........................................... 13
5
Revision history ............................................................................ 15


Similar Part No. - STL7LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7LN65K5AG STMICROELECTRONICS-STL7LN65K5AG Datasheet
588Kb / 16P
   Automotive-grade N-channel 650 V, 0.95 Ω typ., 5 A, MDmesh K5 Power MOSFET in a PowerFLAT 5x6 VHV package
November 2020 Rev 2
More results

Similar Description - STL7LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL4LN80K5 STMICROELECTRONICS-STL4LN80K5 Datasheet
682Kb / 14P
   N-channel 800 V, 2.1 廓 typ., 3 A MDmesh??K5 Power MOSFET in a PowerFLAT??5x6 VHV package
May 2015 Rev 1
STL7LN65K5AG STMICROELECTRONICS-STL7LN65K5AG Datasheet
588Kb / 16P
   Automotive-grade N-channel 650 V, 0.95 Ω typ., 5 A, MDmesh K5 Power MOSFET in a PowerFLAT 5x6 VHV package
November 2020 Rev 2
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
   N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
February 2016
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STD3LN80K5 STMICROELECTRONICS-STD3LN80K5 Datasheet
815Kb / 15P
   N-channel 800 V, 2.75 廓 typ., 2 A MDmesh??K5 Power MOSFET in a DPAK package
July 2016 Rev 2
STFI5N80K5 STMICROELECTRONICS-STFI5N80K5 Datasheet
723Kb / 12P
   N-channel 800 V, 1.50 廓 typ., 4 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
May 2016
STB23N80K5 STMICROELECTRONICS-STB23N80K5 Datasheet
903Kb / 15P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a D짼PAK package
August 2015 Rev 1
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com