Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37733MHB242FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37733MHB242FP
Description  PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733MHB242FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37733MHB242FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
DESCRIPTION
The M37733EHBXXXFP is a single-chip microcomputer using the
7700 Family core. This single-chip microcomputer has a CPU and a
bus interface unit. The CPU is a 16-bit parallel processor that can be
an 8-bit parallel processor, and the bus interface unit enhances the
memory access efficiency to execute instructions fast. This
microcomputer also includes a 32 kHz oscillation circuit, in addition
to the PROM, RAM, multiple-function timers, serial I/O, A-D converter,
and so on.
The M37733EHBXXXFP has the same function as the
M37733MHBXXXFP except that the built-in ROM is PROM. (Refer
to the basic function blocks description.) For program development,
the M37733EHBFS with erasable ROM that is housed in a windowed
ceramic LCC is also provided.
FEATURES
qNumber of basic instructions .................................................. 103
qMemory size
PROM ............................................. 124 Kbytes
RAM ................................................ 3968 bytes
qInstruction execution time
The fastest instruction at 25 MHz frequency ...................... 160 ns
qSingle power supply ...................................................... 5 V ± 10%
qLow power dissipation (at 25 MHz frequency)
............................................47.5 mW (Typ.)
qInterrupts ............................................................ 19 types, 7 levels
qMultiple-function 16-bit timer ................................................. 5 + 3
qSerial I/O (UART or clock synchronous) ..................................... 3
q10-bit A-D converter ............................................ 8-channel inputs
qWatchdog timer
qProgrammable input/output
(ports P0, P1, P2, P3, P4, P5, P6, P7, P8) ............................... 68
qClock generating circuit ........................................ 2 circuits built-in
APPLICATION
Control devices for general commercial equipment such as office
automation, office equipment, and so on.
Control devices for general industrial equipment such as
communication equipment, and so on.
Note. Do not use the windowed EPROM version for mass production,
because it is a tool for program development (for evaluation).
PIN CONFIGURATION (TOP VIEW)
1
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
M37733EHBXXXFP
M37733EHBFS
PROM VERSION OF M37733MHBXXXFP
P40/HOLD
P27/A23/D7
25
27
26
28
34
29
31
32
33
35
38
39
40
80
79
78
77
76
75
74
73
72
71
69
67
66
65
70
Outline 80P6N-A
P74/AN4/RxD2
P73/AN3/CLK2
P72/AN2/CTS2
P71/AN1
P75/AN5/ADTRG/TxD2
P76/AN6/XcOUT
P77/AN7/XcIN
VSS
AVSS
VREF
AVCC
VCC
P80/CTS0/RTS0/CLKS1
P81/CLK0
P82/RXD0/CLKS0
P83/TXD0
RESET
XOUT
P32/ALE
P30/R/W
P31/BHE
CNVSS
Vss
BYTE
XIN
P26/A22/D6
P25/A21/D5
P24/A20/D4
E
P33/HLDA
68
37
36
30
M37733EHBXXXFP


Similar Part No. - M37733MHB242FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733MHB242FP MITSUBISHI-M37733MHB242FP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733MHB242FP MITSUBISHI-M37733MHB242FP Datasheet
1Mb / 89P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733MHB242FP MITSUBISHI-M37733MHB242FP Datasheet
1Mb / 89P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37733MHB242FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733EHBXXXFP MITSUBISHI-M37733EHBXXXFP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
logo
Mitsubishi Electric Sem...
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
M37733EHL MITSUBISHI-M37733EHL Datasheet
726Kb / 35P
   PROM VERSION OF M37733MHLXXXHP(MICROCOMPUTERS)
M37736EHBXXXGP MITSUBISHI-M37736EHBXXXGP Datasheet
406Kb / 33P
   PROM VERSION OF M37736MHBXXXGP(MICROCOMPUTERS)
M37736EHL MITSUBISHI-M37736EHL Datasheet
447Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
logo
Mitsubishi Electric Sem...
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
M37736EHB MITSUBISHI-M37736EHB Datasheet
405Kb / 33P
   PROM VERSION OF M37736EHBXXXGP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com