Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISK Datasheet(PDF) 2 Page - XP Power Limited

Part # ISK
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISK Datasheet(HTML) 2 Page - XP Power Limited

  ISK Datasheet HTML 1Page - XP Power Limited ISK Datasheet HTML 2Page - XP Power Limited ISK Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISK Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
24
VDC
See Models and Ratings table
Initial Set Accuracy
-7.5, +2.5
%
At 70% load
Minimum Load
10
%
Line Regulation
±1.2
%
Per 1% change of input voltage (±1.5% for 3V3 output)
Load Regulation
%
See graph
Start Up Delay
2
ms
Ripple and Noise
20/60
mV pk-pk
20 MHz bandwidth, measured using 0.1 µF capacitor
Transient Response
3
% deviation
Recovery to within 1% in 500 µs for a 25% load change
Short Circuit Protection
Continuous, with auto recovery
Maximum Capacitive Load
220
µF
Temperature Coefficient
0.03
%/˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.50
5.50
VDC
5 V nominal
10.80
13.20
VDC
12 V nominal
21.60
26.40
VDC
24 V nominal
Input Current
See Models and Ratings table
Input Reflected Ripple
20/5
mA pk-pk
5 V/12+12V Input. Through 12 µH inductor and 47 µF
capacitor
Input Surge
9
VDC for 1 s
5 V models
18
VDC for 1 s
12 V models
30
VDC for 1 s
24 V models
Input Filter
Capacitor
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
See Models and Ratings table
Isolation: Input to Output
1500
VDC
For optional high isolation versions, 3000 VDC input to
output add suffix -H to model number
Switching Frequency
50
300
kHz
Isolation Resistance
109
Input to output, tested at 500 VDC
Isolation Capacitance
20
pF
Input to output
Power Density
4.0
Win3
Mean Time Between Failure
3500
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.003 (1.5)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+105
°C
Derate from 100% load at +100 °C to 80% load at 105 °C
Storage Temperature
-55
+125
°C
Case Temperature
+115
°C
Operating Humidity
95
% RH
Non-condensing
Cooling
Natural convection


Similar Part No. - ISK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISK018NE1LM7 INFINEON-ISK018NE1LM7 Datasheet
1Mb / 11P
   MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.1, 2023-09-25
ISK024NE2LM5 INFINEON-ISK024NE2LM5 Datasheet
1Mb / 11P
   OptiMOS5 power-Transistor,25V
Rev.2.0 2020-09-14
ISK036N03LM5 INFINEON-ISK036N03LM5 Datasheet
1Mb / 11P
   OptiMOS5 power-Transistor,20V
Rev,2.0 2020-11-26
ISK057N04LM6 INFINEON-ISK057N04LM6 Datasheet
1Mb / 11P
   MOSFET OptiMOSª 6 Power-Transistor, 40 V
Rev. 2.1, 2023-04-20
logo
Hammond Manufacturing L...
ISK16 HAMMOND-ISK16 Datasheet
58Kb / 1P
   Quincaillerie dasservissement
More results

Similar Description - ISK

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com