Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP120 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # KP120
Description  Surface Mount Capacitive Silicon Absolute Pressure Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP120 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button KP120 Datasheet HTML 5Page - Infineon Technologies AG KP120 Datasheet HTML 6Page - Infineon Technologies AG KP120 Datasheet HTML 7Page - Infineon Technologies AG KP120 Datasheet HTML 8Page - Infineon Technologies AG KP120 Datasheet HTML 9Page - Infineon Technologies AG KP120 Datasheet HTML 10Page - Infineon Technologies AG KP120 Datasheet HTML 11Page - Infineon Technologies AG KP120 Datasheet HTML 12Page - Infineon Technologies AG KP120 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
9
V1.1, 2003-10-17
KP120, KP120 Exxx
Electrical Characteristics
V
DD = 5 V, GND = 0 V, TA = 0 °C to +85 °C, unless otherwise specified.
Parameter
Symbol
Limit Value
Unit
min.
typ.
max.
Output voltage at min. rated pressure
1)
KP120
KP120 Exxxx
V
OUT, MIN
0.25
0.5
0.5
V
Output voltage at max. rated pressure
1)
KP120
KP120 Exxxx
V
OUT, MAX
4.5
4.5
4.85
V
Overall accuracy
2)
A
CC
see page 11
kPa
Ratiometricity
3)
KP120
KP120 Exxxx
Rat
5
10
mV
Response time
4)
t
R
5
ms
Output ripple
@
f > 1 kHz
@
f < 1 kHz
10
5
mVpp
Stabilization time
5)
20
ms
1) The output of the sensor is ratiometric to the supply voltage
V
DD within its specified range of 4.75 to 5.25 V.
2) Accuracy is the deviation in actual output from nominal output over the entire pressure and temperature
range according to figure below due to all sources of error including the following:
s
Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
3) Definition:
for
V
OUT in the range of 0.1 × VDD to 0.9 × VDD
and
V
DD in the range of 4.75 V to 5.25 V
4) Response time is defined as the time for the incremental change in the output to go from 10% to 90% of its
final value when subjected to a specified step change in pressure.
5) Stabilization time is defined as the time required for the product to meet the specified output voltage after the
pressure has been stabilized.
Rat
V
OUT @
VDD
() V
OUT @5 V
()
V
DD
5 V
----------
=


Similar Part No. - KP120

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
KP1200A HUAJING-KP1200A Datasheet
269Kb / 3P
   Phase Control Thyristor
logo
Shenzhen Luguang Electr...
KP1200A LUGUANG-KP1200A Datasheet
3Mb / 4P
   Phase control thyristor
More results

Similar Description - KP120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP100 INFINEON-KP100 Datasheet
75Kb / 13P
   Surface Mount Capacitive Silicon Absolute Pressure Sensor
2003-05
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY62-AG SIEMENS-KPY62-AG Datasheet
96Kb / 3P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY42-A SIEMENS-KPY42-A Datasheet
69Kb / 3P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
    Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com