Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF1610CT Datasheet(PDF) 2 Page - Frontier Electronics.

Part # EF1610CT
Description  16.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

EF1610CT Datasheet(HTML) 2 Page - Frontier Electronics.

  EF1610CT Datasheet HTML 1Page - Frontier Electronics. EF1610CT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EF1605CT THRU EF1660CT SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
2
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
RATING AND CHARACTERISTIC CURVES


Similar Part No. - EF1610CT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EF1610CT FORMOSA-EF1610CT Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
More results

Similar Description - EF1610CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
EF1605FCT FRONTIER-EF1605FCT Datasheet
1Mb / 2P
   16.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF5A05 FRONTIER-EF5A05 Datasheet
1Mb / 2P
   5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF8A05 FRONTIER-EF8A05 Datasheet
1Mb / 2P
   8.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF10A05F FRONTIER-EF10A05F Datasheet
1Mb / 2P
   10.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF2005FCT FRONTIER-EF2005FCT Datasheet
1Mb / 2P
   20.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF5A05F FRONTIER-EF5A05F Datasheet
1Mb / 2P
   5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF8A05F FRONTIER-EF8A05F Datasheet
1Mb / 2P
   8.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF10A05 FRONTIER-EF10A05 Datasheet
1Mb / 2P
   10.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
logo
Formosa MS
SGFM161C-D2 FORMOSA-SGFM161C-D2 Datasheet
104Kb / 7P
   16.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Frontier Electronics.
EF1005CT FRONTIER-EF1005CT Datasheet
1Mb / 2P
   10.0A GLASS PASSIVATED EFFCIENCY FAST RECTIFIERS-50-600V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com