Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT18-3P610S30 Datasheet(PDF) 3 Page - SICK AG

Part # WT18-3P610S30
Description  Photoelectric proximity sensor, Background suppression
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT18-3P610S30 Datasheet(HTML) 3 Page - SICK AG

  WT18-3P610S30 Datasheet HTML 1Page - SICK AG WT18-3P610S30 Datasheet HTML 2Page - SICK AG WT18-3P610S30 Datasheet HTML 3Page - SICK AG WT18-3P610S30 Datasheet HTML 4Page - SICK AG WT18-3P610S30 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/9/2016 6:41:02 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4) Signal transit time with resistive
load 5) With light/dark ratio 1:1 6) A = VS connections reverse-polarity protected 7) C = interference suppression 8) D = outputs overcurrent and short-circuit
protected
Response time:
< 700 µs 4)
Switching frequency:
700 Hz 5)
Connection type:
Cubic connector, 6-pin
Circuit protection:::
A, C, D 6) 7) 8)
Weight:
70 g
Special device:
ü
Housing material:
ABS, Plastic
Optics material:
PMMA
Enclosure rating:
IP 65
Ambient operating temperature:
-40 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +75 °C
UL File No.:
NRKH.E181493 & NRKH7.E181493
Connection diagram


Similar Part No. - WT18-3P610S30

ManufacturerPart #DatasheetDescription
logo
SICK AG
WT18-3P610 SICK-WT18-3P610 Datasheet
770Kb / 6P
   Photoelectric proximity sensor, Background suppression
More results

Similar Description - WT18-3P610S30

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB9L-3N2261 SICK-WTB9L-3N2261 Datasheet
794Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB9L-3N2461 SICK-WTB9L-3N2461 Datasheet
795Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB9M4L-3P2291 SICK-WTB9M4L-3P2291 Datasheet
743Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB15-B2431 SICK-WTB15-B2431 Datasheet
779Kb / 6P
   Photoelectric proximity sensor, Background suppression
WTB15-P2431 SICK-WTB15-P2431 Datasheet
776Kb / 7P
   Photoelectric proximity sensor, Background suppression
WT18-3N130 SICK-WT18-3N130 Datasheet
754Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3N431 SICK-WT18-3N431 Datasheet
785Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3P020S15 SICK-WT18-3P020S15 Datasheet
656Kb / 6P
   Photoelectric proximity sensor, Background suppression
WTB11-2P2461P04 SICK-WTB11-2P2461P04 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, Background suppression
WT18-3P131 SICK-WT18-3P131 Datasheet
759Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3P421S36 SICK-WT18-3P421S36 Datasheet
653Kb / 6P
   Photoelectric proximity sensor, Background suppression
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com