Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67037-A1162 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # Q67037-A1162
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67037-A1162 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button Q67037-A1162 Datasheet HTML 2Page - Infineon Technologies AG Q67037-A1162 Datasheet HTML 3Page - Infineon Technologies AG Q67037-A1162 Datasheet HTML 4Page - Infineon Technologies AG Q67037-A1162 Datasheet HTML 5Page - Infineon Technologies AG Q67037-A1162 Datasheet HTML 6Page - Infineon Technologies AG Q67037-A1162 Datasheet HTML 7Page - Infineon Technologies AG Q67037-A1162 Datasheet HTML 8Page - Infineon Technologies AG Q67037-A1162 Datasheet HTML 9Page - Infineon Technologies AG Q67037-A1162 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Product Description
2 - 6
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
2.1
General Description
The KTS6027-2, KTS6029-2 device combines a digitally programmable phase
locked loop (PLL), with a mixer-oscillator block including two balanced mixers
and oscillators for use in TV and VCR tuners.
The PLL block with four selectable chip addresses forms a digitally programm-
able phase locked loop. With a 4 MHz quartz crystal, the PLL permits precise
setting of the frequency of the tuner oscillator up to 1024 MHz in increments of
31.25, 50, 62.5 or 166.7 kHz. The tuning process is controlled by a micropro-
cessor via an I2C bus. The device has four output ports. A flag is set when the
loop is locked. It can be read by the processor via the I2C bus.
The mixer-oscillator block includes two balanced mixers (one mixer with high-
impedance input and one mixer with a balanced low-impedance input), two fre-
quency and amplitude-stable balanced oscillators for LOW/MID and HIGH, an
IF amplifier, a low-noise reference voltage source, and a band switch.
2.2
Features
General
s
Suitable for analog and digital terrestrial TV tuner
s
Compatible with KTS6027-S or KTS6029-S in normal mode
s
New features in extended mode
s
Full ESD protection
Mixer/Oscillator
s
High impedance mixer input for LOW/MID band
s
Low impedance mixer input for HIGH band
s
4 pin oscillator for LOW/MID band
s
4 pin oscillator for HIGH band
IF-Amplifier
s
single ended IF preamplifier
s
75
Ω output impedance
PLL
s
PLL with short lock-in time
s
High voltage VCO tuning output
s
Fast I2C bus
s
4 NPN bandswitch buffers
s
Internal LOW-MID/HIGH switch


Similar Part No. - Q67037-A1162

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
Q6700 INTEL-Q6700 Datasheet
1Mb / 98P
   on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
logo
Siemens Semiconductor G...
Q6700-A5046 SIEMENS-Q6700-A5046 Datasheet
325Kb / 9P
   SAT - IF -DEMODULATOR
Q67000-A-5000 SIEMENS-Q67000-A-5000 Datasheet
521Kb / 16P
   FM-IF with Counter Output, Field Strength Indicator, Noise Detector and MUTE Setting
Q67000-A1018-G403 SIEMENS-Q67000-A1018-G403 Datasheet
226Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER WITH DARLINGTON INPUT
logo
List of Unclassifed Man...
Q67000-A1022 ETC1-Q67000-A1022 Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
More results

Similar Description - Q67037-A1162

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6020 INFINEON-TUA6020 Datasheet
739Kb / 39P
   2 Band TV Tuner Mixer-Oscillator-PLL with balanced IF-Amplifier
Version 1.2 April 2000
TUA6024-2 INFINEON-TUA6024-2 Datasheet
693Kb / 40P
   2 Band TV Tuner Mixer-Oscillator-PLL with balanced IF-Amplifier
Version 2.0 July 2001
logo
Hitachi Semiconductor
2SC3501 HITACHI-2SC3501 Datasheet
37Kb / 1P
   VHF AMPLIFIER VHF TV TUNER MIXER, OSCILLATOR
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Fairchild Semiconductor
KSC1674YBU FAIRCHILD-KSC1674YBU Datasheet
47Kb / 4P
   TV PIF Amplifier, FM Tuner RF Amplifier, Mixer, Oscillator
KSC1674CYBU FAIRCHILD-KSC1674CYBU Datasheet
47Kb / 4P
   TV PIF Amplifier, FM Tuner RF Amplifier, Mixer, Oscillator
KSC2786 FAIRCHILD-KSC2786 Datasheet
74Kb / 7P
   TV PIF Amplifier, FM Tuner RF Amplifier, Mixer, Oscillator
KSC1674 FAIRCHILD-KSC1674 Datasheet
42Kb / 4P
   TV PIF Amplifier, FM Tuner RF Amplifier, Mixer, Oscillator
logo
ON Semiconductor
KSC1674 ONSEMI-KSC1674 Datasheet
153Kb / 6P
   TV PIF Amplifier, FM Tuner RF Amplifier, Mixer, Oscillator
Rev. B2, November 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com