Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCE0324S3V3 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCE0324S3V3
Description  1500 VDC Isolation, 3000 VDC Option
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCE0324S3V3 Datasheet(HTML) 1 Page - XP Power Limited

  JCE0324S3V3 Datasheet HTML 1Page - XP Power Limited JCE0324S3V3 Datasheet HTML 2Page - XP Power Limited JCE0324S3V3 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JCE03 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Maximum capacitive load is per output.
3. For optional 3000 VDC isolation add suffix ‘-H’ to model number.
• 2:1 Input Range
• DIP24 Plastic Case
• Operating Temperature 40 °C to +100 °C
• Single & Dual Outputs
• 1500 VDC Isolation, 3000 VDC Option
• Fully Regulated Output
• No Minimum Load Required
• 3 Year Warranty
Dimensions:
JCE:
1.25 x 0.80 x 0.40” (31.75 x 20.32 x 10.16 mm)
3 Watt
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load(2)
Efficiency
Model Number(3)
No Load
Full Load
9-18 V
3.3 V
900 mA
7 mA
339 mA
470 µF
74%
JCE0312S3V3
5.0 V
600 mA
7 mA
325 mA
470 µF
78%
JCE0312S05
12.0 V
250 mA
10 mA
313 mA
100 µF
81%
JCE0312S12
15.0 V
200 mA
10 mA
313 mA
100 µF
81%
JCE0312S15
24.0 V
125 mA
20 mA
316 mA
47 µF
80%
JCE0312S24
±3.3 V
±450 mA
10 mA
339 mA
±220 µF
74%
JCE0312D03
±5.0 V
±300 mA
10 mA
325 mA
±220 µF
78%
JCE0312D05
±12.0 V
±125 mA
15 mA
313 mA
±100 µF
81%
JCE0312D12
±15.0 V
±100 mA
20 mA
313 mA
±100 µF
81%
JCE0312D15
±24.0 V
±63 mA
35 mA
319 mA
±47 µF
80%
JCE0312D24
18-36 V
3.3 V
900 mA
7 mA
172 mA
470 µF
73%
JCE0324S3V3
5.0 V
600 mA
7 mA
164 mA
470 µF
77%
JCE0324S05
12.0 V
250 mA
7 mA
156 mA
100 µF
81%
JCE0324S12
15.0 V
200 mA
7 mA
156 mA
100 µF
81%
JCE0324S15
24.0 V
125 mA
10 mA
156 mA
47 µF
81%
JCE0324S24
±3.3 V
±450 mA
7 mA
167 mA
±220 µF
75%
JCE0324D03
±5.0 V
±300 mA
7 mA
160 mA
±220 µF
79%
JCE0324D05
±12.0 V
±125 mA
10 mA
156 mA
±100 µF
81%
JCE0324D12
±15.0 V
±100 mA
15 mA
156 mA
±100 µF
81%
JCE0324D15
±24.0 V
±63 mA
20 mA
158 mA
±47 µF
81%
JCE0324D24
36-75 V
3.3 V
900 mA
7 mA
84 mA
470 µF
75%
JCE0348S3V3
5.0 V
600 mA
7 mA
80 mA
470 µF
79%
JCE0348S05
12.0 V
250 mA
7 mA
78 mA
100 µF
81%
JCE0348S12
15.0 V
200 mA
7 mA
78 mA
100 µF
81%
JCE0348S15
24.0 V
125 mA
7 mA
78 mA
47 µF
81%
JCE0348S24
±3.3 V
±450 mA
7 mA
81 mA
±220 µF
77%
JCE0348D03
±5.0 V
±300 mA
7 mA
78 mA
±220 µF
81%
JCE0348D05
±12.0 V
±125 mA
7 mA
78 mA
±100 µF
81%
JCE0348D12
±15.0 V
±100 mA
7 mA
78 mA
±100 µF
81%
JCE0348D15
±24.0 V
±63 mA
15 mA
81 mA
±47 µF
79%
JCE0348D24


Similar Part No. - JCE0324S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCE06 XPPOWER-JCE06 Datasheet
139Kb / 2P
   6 Watts JCE Series
JCE0612D03 XPPOWER-JCE0612D03 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D03 XPPOWER-JCE0612D03 Datasheet
139Kb / 2P
   6 Watts JCE Series
JCE0612D05 XPPOWER-JCE0612D05 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D05 XPPOWER-JCE0612D05 Datasheet
139Kb / 2P
   6 Watts JCE Series
More results

Similar Description - JCE0324S3V3

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
logo
Texas Instruments
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
logo
XP Power Limited
IH2424S-H XPPOWER-IH2424S-H Datasheet
95Kb / 1P
   Optional 3000-6000 VDC isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com