Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEC65US24 Datasheet(PDF) 4 Page - XP Power Limited

Part # VEC65US24
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEC65US24 Datasheet(HTML) 4 Page - XP Power Limited

  VEC65US24 Datasheet HTML 1Page - XP Power Limited VEC65US24 Datasheet HTML 2Page - XP Power Limited VEC65US24 Datasheet HTML 3Page - XP Power Limited VEC65US24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
±8 kV Air, ±4 kV contact
A
Radiated
EN61000-4-3
3 V/m
A
EFT/Burst
EN61000-4-4
3A
Surge
EN61000-4-5
Installation Class 3
A
Conducted
EN61000-4-6
3 V
A
Magnetic Fields
EN61000-4-8
3 A/m
A
Dips and Interruptions
EN61000-4-11
Dip: 30% 500 ms
A/B
High Line/Low Line
Dip: 60% 200 ms
A/B
High Line/Low Line
Int:100% 5000 ms
B
Safety Agency
Safety Standard
Notes & Conditions
UL/CSA
cUL60950-1
Approved at Limited Power Source (LPS)
TUV
EN60950-1
CB
IEC60950-1
CCC
China Compulsory Certification (CCC)
VEC65 Series
www.xppower.com
AC-DC Power Supplies
Mechanical Details
13-Oct-15
1. All dimensions are shown in inches (mm), Tolerance is 0.04” (±1.0) max except
output lead.
2. Weight: 0.6 lbs (270 g) approx.
3. Output connector is barrel type with 11 mm length, 5.5 mm dia. outer, 2.5 mm dia.
inner with center + and outer shell - polarity.
Notes
4.58
(116.3)
2.06
(52.4)
0.89
(22.7)
0.4
(10.0)
0.43
(11.0)
3.94
0.96 ± 0.08
(24.5 ± 2)
Cable length: 47.2” ± 0.8” (1200 mm ±20 mm)
(100)
IEC320-C14
1.23
(31.3)
0.89
(22.7)
Core Diameter: 0.63” ± 0.08” (16 mm ±2 mm)
Optional IEC320-C6
Power Cord for C14 inlet, Order
Part:
UK -
UK-MAINS-IEC
European -
EU-MAINS-IEC
US -
US-MAINS-IEC
Power Cord for C6 inlet, Order Part:
UK -
UK-MAINS-5
European -
EU-MAINS-5
US -
US-MAINS-5


Similar Part No. - VEC65US24

ManufacturerPart #DatasheetDescription
logo
Surge Components
VEC SURGE-VEC Datasheet
515Kb / 1P
   rohs compliance
logo
List of Unclassifed Man...
VEC100M1CTR-0405 ETC2-VEC100M1CTR-0405 Datasheet
182Kb / 1P
   SMD Aluminum Electrolytic Capacitors
logo
RFE international
VEC100M1VTR050053 RFE-VEC100M1VTR050053 Datasheet
83Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEC Series: Surface Mount Type, Low Leakage
logo
Sanyo Semicon Device
VEC1106 SANYO-VEC1106 Datasheet
244Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
VEC1107 SANYO-VEC1107 Datasheet
245Kb / 4P
   DC / DC Converter Applications
More results

Similar Description - VEC65US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com