Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL19N65M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL19N65M5
Description  Excellent switching performance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL19N65M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STL19N65M5 Datasheet HTML 1Page - STMicroelectronics STL19N65M5 Datasheet HTML 2Page - STMicroelectronics STL19N65M5 Datasheet HTML 3Page - STMicroelectronics STL19N65M5 Datasheet HTML 4Page - STMicroelectronics STL19N65M5 Datasheet HTML 5Page - STMicroelectronics STL19N65M5 Datasheet HTML 6Page - STMicroelectronics STL19N65M5 Datasheet HTML 7Page - STMicroelectronics STL19N65M5 Datasheet HTML 8Page - STMicroelectronics STL19N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STL19N65M5
4/17
DocID024984 Rev 1
2
Electrical characteristics
(T
C
= 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
breakdown voltage
(V
GS
= 0)
I
D
= 1 mA
650
V
I
DSS
Zero gate voltage
drain current (V
GS
= 0)
V
DS
= 650 V
V
DS
= 650 V, T
C
=125 °C
1
100
μA
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ± 25 V
± 100
nA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA
345
V
R
DS(on)
Static drain-source on-
resistance
V
GS
= 10 V, I
D
= 7.5 A
0.215
0.240
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
= 100 V, f = 1 MHz,
V
GS
= 0
-
1240
-
pF
C
oss
Output capacitance
-
32
-
pF
C
rss
Reverse transfer
capacitance
-3
-
pF
C
o(er)
(1)
1.
C
oss eq.
time related is defined as a constant equivalent capacitance giving the same charging time as C
oss
when V
DS
increases from 0 to 80% V
DSS
Equivalent output
capacitance energy
related
V
GS
= 0,
V
DS
= 0 to 80% V
(BR)DSS
-30
-
pF
C
o(tr)
(2)
2.
C
oss eq.
energy related is defined as a constant equivalent capacitance giving the same stored energy as
C
oss
when V
DS
increases from 0 to 80% V
DSS
Equivalent
capacitance time
related
-99
-
pF
R
G
Intrinsic gate
resistance
f = 1 MHz open drain
-
3
-
Ω
Q
g
Total gate charge
V
DD
= 520 V, I
D
= 7.5 A,
V
GS
= 10 V
(see
Figure 16)
-31
-
nC
Q
gs
Gate-source charge
-
8
-
nC
Q
gd
Gate-drain charge
-
14
-
nC


Similar Part No. - STL19N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STL19N60M6 STMICROELECTRONICS-STL19N60M6 Datasheet
575Kb / 14P
   N-channel 600 V, 255 m typ., 11 A MDmesh M6 Power MOSFET in a PowerFLAT 8x8 HV package
December 2019 Rev 1
More results

Similar Description - STL19N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
STB46N30M5 STMICROELECTRONICS-STB46N30M5 Datasheet
1Mb / 17P
   Excellent switching performance
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
logo
CML Microcircuits
FX919B CMLMICRO-FX919B Datasheet
1Mb / 47P
   Excellent Radio Fading Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com