Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH600PD0524 Datasheet(PDF) 3 Page - XP Power Limited

Part # SMH600PD0524
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMH600PD0524 Datasheet(HTML) 3 Page - XP Power Limited

  SMH600PD0524 Datasheet HTML 1Page - XP Power Limited SMH600PD0524 Datasheet HTML 2Page - XP Power Limited SMH600PD0524 Datasheet HTML 3Page - XP Power Limited SMH600PD0524 Datasheet HTML 4Page - XP Power Limited SMH600PD0524 Datasheet HTML 5Page - XP Power Limited SMH600PD0524 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMH600
www.xppower.com
AC-DC Power Supplies
3
Safety Approvals
EMC: Immunity
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Level B
Radiated
EN55022
Level B
Harmonic Current
EN61000-3-2
Class A
Class C for loads ≥70%
Voltage Flicker
EN61000-3-3
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1 (2007), CSA 22.2 No.60950-1-1:08
CSA
C22.2 No.60950-1
TUV
EN60950-1
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
Level 3
A
Radiated
EN61000-4-3
Level 2
A
EFT
EN61000-4-4
Level 2
A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
Level 2
A
Dips and Interruptions
EN61000-4-11
DIP: 30% 10 ms
DIP: 60% 100 ms
INT: 100% 5000 ms
A
A/B
B
Highline (<420 W) / Lowline
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+70
°C
Derate at 2.5%/°C from +50 °C to +70 °C
Storage Temperature
-20
+85
°C
Cooling
Forced-cooled. -EF and -EF versions have inbuilt
two speed fan. Speed increases when output
exceeds 2 A approx
Operating Altitude
3000
m
Vibration
5
50
Hz
Acceleration 7.35 ms2 on 3 axes


Similar Part No. - SMH600PD0524

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
SMH600 YEONHO-SMH600 Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
SMH600-04B YEONHO-SMH600-04B Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
SMH600-04P YEONHO-SMH600-04P Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
SMH600-NNB YEONHO-SMH600-NNB Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
More results

Similar Description - SMH600PD0524

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com