Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEB15 Datasheet(PDF) 1 Page - XP Power Limited

Part # VEB15
Description  Energy Efficiency Level V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEB15 Datasheet(HTML) 1 Page - XP Power Limited

  VEB15 Datasheet HTML 1Page - XP Power Limited VEB15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
Energy Efficiency Level V
CEC2008, EISA2007 & ErP Compliant
Interchangeable Connectors
Universal Input
Output Voltages from 5.0 V to 48.0 V
Class II Construction
Low Cost
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 0.4 A max at 100 VAC
Inrush Current
• 60 A max at 240 VAC, cold start at 25 °C
Power Factor
• EN61000-3-2, class A
No Load Input Power
• <0.2 W
Input Protection
• Internal T1.0A/250 V fuse in line
Output
Output Voltage
• See table
Minimum Load
• No minimum load required
Start Up Delay
• 3 s max
Start Up Rise Time
• 100 ms typical
Hold Up Time
• 6 ms typical at full load and 100 VAC
Total Regulation
• See table
Transient Response
• 4% max. deviation, recovery to <1%
within 500 µs for a 50% step load change
at 0.2 A/µs
Ripple & Noise
• 2.0% pk-pk max, 20 MHz bandwidth
Overvoltage Protection
• Not fitted
Overload Protection
• 120-200%, auto recovery
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.04 %/°C
Coefficient
General
Efficiency
• See table
Energy Efficiency
• Level V
Isolation
• 3000 VAC Input to Output
Switching Frequency
• 25-80 kHz, variable
MTBF
• >330 kHrs per MIL-HDBK-217F at 25 °C,
GB
Environmental
Operating Temperature
• 0 °C to +60 °C, derate linearly from 100%
load at 40 °C to 50% load at 60 °C
Cooling
• Natural convection
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Shock
• 1 m drop onto concrete on each of 6 axes
Vibration
• 10-300 Hz, 2 g 15 mins/sweep, 30 mins
for each of 3 axes
EMC & Safety
Emissions
• EN55022, level B conducted & radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±4 kV contact, ±8 kV air,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2, Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V, Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m, Perf Criteria A
Dips & Interruptions
• EN55024 100% 10 ms, 30% 500 ms,
100% 5000 ms, Perf Criteria A, A, B
Safety Approvals
• IEC60950-1, EN60950-1, UL/cUL60950-1,
China Compulsory Certification (CCC),
approved as Limited Power Source (LPS)
B R A N D
15 Watts
VEB15 Series


Similar Part No. - VEB15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VEB15-L6 XPPOWER-VEB15-L6 Datasheet
528Kb / 4P
   AC-DC Power Supplies
VEB15US05-XX-L6 XPPOWER-VEB15US05-XX-L6 Datasheet
528Kb / 4P
   AC-DC Power Supplies
VEB15US09-XX-L6 XPPOWER-VEB15US09-XX-L6 Datasheet
528Kb / 4P
   AC-DC Power Supplies
VEB15US12-XX-L6 XPPOWER-VEB15US12-XX-L6 Datasheet
528Kb / 4P
   AC-DC Power Supplies
VEB15US15-XX-L6 XPPOWER-VEB15US15-XX-L6 Datasheet
528Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - VEB15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AFE220 XPPOWER-AFE220 Datasheet
338Kb / 2P
   Energy Efficiency Level V
VEB10US05 XPPOWER-VEB10US05 Datasheet
156Kb / 2P
   Energy Efficiency Level V
logo
HITRON ELECTRONICS CORP...
HEMP252G HITRON-HEMP252G_17 Datasheet
387Kb / 2P
   Energy Efficiency Level V
logo
XP Power Limited
AFM XPPOWER-AFM Datasheet
363Kb / 2P
   Energy Efficiency Level V
AEL XPPOWER-AEL Datasheet
494Kb / 6P
   Energy Efficiency Level V
VEH20US05 XPPOWER-VEH20US05 Datasheet
339Kb / 2P
   Energy Efficiency Level V
VEF XPPOWER-VEF Datasheet
364Kb / 2P
   Energy Efficiency Level V
AFM120PS12 XPPOWER-AFM120PS12 Datasheet
106Kb / 2P
   Energy Efficiency Level V
logo
ETA-USA
ZMB-SX-W5 ETA-USA-ZMB-SX-W5 Datasheet
2Mb / 2P
   65W Meets Energy Star efficiency level V
logo
HITRON ELECTRONICS CORP...
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
   Energy Efficiency Level VI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com