Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS65US15-D9 Datasheet(PDF) 1 Page - XP Power Limited

Part # MCS65US15-D9
Description  Rugged Desktop Design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MCS65US15-D9 Datasheet(HTML) 1 Page - XP Power Limited

  MCS65US15-D9 Datasheet HTML 1Page - XP Power Limited MCS65US15-D9 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
1. Measured at the end of the output cable with 10 µF electrolytic and 0.1 µF
ceramic capacitor.
Specification
65 Watts
Rugged Desktop Design
65 W
Convection Cooled
IP67 Ingress Protection
Wide Operating Temp. Range 40°C to +70°C
MIL STD EMC, Shock & Vibration
<0.5 W No Load Input Power
3 Year Warranty
MCS Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-440 Hz
Input Current
• 1.1/0.7 A typical at 115/230 VAC
Inrush Current
• 60 A typical at 230 VAC,
cold start at 25 ˚C
Power Factor
• EN61000-3-2, class A compliant
No Load Input Power
• <0.5 W
Earth Leakage Current
• 260 µA at 264 VAC/60 Hz max, 0.7/1.5 mA
typical 115/230 VAC 400 Hz.
Input Protection
• Internal T3.15/250 V fuse in line and
neutral
Output
Output Voltage
• 12-28 VDC (see table)
Output Voltage Trim
• No user adjustment
Minimum Load
• No minimum load required
Start Up Delay
• 1 s typical
Start Up Rise Time
• 50 ms
Hold Up Time
• 16 ms typ. at 115 VAC
Drift
• ±0.2% after 20 min warm up
Total Regulation
• See table
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 50-75-50% load
change
Ripple & Noise
• 1% pk-pk, 20 MHz bandwidth(1)
Overvoltage Protection
• 115-140% Vnom, recycle input to reset
Overload Protection
• 110-160%
Short Circuit Protection
• Continuous trip and restart (hiccup mode)
Temperature
• 0.05%/˚C
Coefficient
xppower.com
General
Efficiency
• Up to 88% model dependent
Isolation
• 4000 VAC Input to Output, 1500 VAC Input
to Ground, 500 VDC Output to Ground,
Switching Frequency
• 65 KHz typical
MTBF
• 1057 kHrs, to MIL-HDBK-217F at 25 ˚C, GB
Environmental
Operating Temperature
• -40 ˚C to +70 ˚C derate linearly from +50 ˚C
at 2.5%/˚C to 50% load at +70 ˚C. See
derating curves.
Cooling
• Convection-cooled (see tables)
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 ˚C to +85 ˚C
Operating Altitude
• 3048 m
Shock
• MIL-STD-810F, Method 516, Procedure 1
40g, 3 shocks, 6 axis, total 18 shocks,
operational
Vibration
• MIL-STD-810F, Method 514, Procedure 1
(fig 514.5C-3 composite wheeled vehicle)
5 - 500Hz, 3 axis, operational.
Ingress Protection
• IP67
EMC & Safety
Emissions
• MIL-STD-461F - Ground Army, CE102.
MIL-STD-461F - Ground Army, RE102.
Figure RE102-3 fixed wing external 2MHz -
18GHz. EN55011/22 level B conducted
EN55011/22 level A radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, Class 3
Other Immunity
• MIL-STD-461F - Ground Army, CS101,
Conducted Susceptibility, Power Leads, 30 Hz
to 150 kHz. - CS101-1 Curve #1 CS114,
Conducted Susceptibility, Bulk Cable Injection,
10 kHz to 200 MHz CS114-1 Curve #2,
CS115, Conducted Susceptibility, Bulk
Cable Injection, Impulse Excitation. CS116,
Conducted Susceptibility, Damped
Sinusoidal Transients, Cables and Power
RS103, Radiated Susceptibility, Electric Field,
2 MHz to 40 GHz. Table VII - Ground Limits


Similar Part No. - MCS65US15-D9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS6532 ETC-MCS6532 Datasheet
420Kb / 10P
   6532 (MEMORY, 110, TIMER ARRAY)
More results

Similar Description - MCS65US15-D9

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
REL-OR-24DC PHOENIX-REL-OR-24DC Datasheet
109Kb / 4P
   Extremely rugged design
logo
API Technologies Corp
1469A APITECH-1469A Datasheet
437Kb / 2P
   Rugged connector design
logo
XP Power Limited
DNR XPPOWER-DNR Datasheet
182Kb / 4P
   Rugged Design for Industrial Applications
logo
List of Unclassifed Man...
OPD-10HO ETC2-OPD-10HO Datasheet
70Kb / 2P
   Rugged construction and modularized design
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
   Rugged Design for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
   Rugged Design for Outdoor Use
logo
Laird Tech Smart Techno...
TRA3513 LSTD-TRA3513 Datasheet
528Kb / 2P
   Rugged design is IP-67 rated
logo
List of Unclassifed Man...
IPM-15 ETC2-IPM-15 Datasheet
365Kb / 2P
   Rugged construction and slim modularized design
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
   Rugged construction and slim modularized design
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
   Rugged construction and slim modularized design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com