Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTY13-6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # KTY13-6
Description  Silicon Temperature Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTY13-6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  KTY13-6 Datasheet HTML 1Page - Infineon Technologies AG KTY13-6 Datasheet HTML 2Page - Infineon Technologies AG KTY13-6 Datasheet HTML 3Page - Infineon Technologies AG KTY13-6 Datasheet HTML 4Page - Infineon Technologies AG KTY13-6 Datasheet HTML 5Page - Infineon Technologies AG KTY13-6 Datasheet HTML 6Page - Infineon Technologies AG KTY13-6 Datasheet HTML 7Page - Infineon Technologies AG KTY13-6 Datasheet HTML 8Page - Infineon Technologies AG KTY13-6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
KT- and KTY-Series Temperature Sensors
Data Sheet
4
2000-07-01
General Technical Data: KT- and KTY-Series Temperature Sensors
These temperature sensors are designed for the measurement, control and regulation
of air, gases and liquids within the temperature range of
− 50 °Cto + 150 °C. The
temperature sensing element is an n-conducting silicon crystal in planar technology. The
gentle curvature of the characteristic,
R
T = f (TA), is described as a regression parabola
in the following expressions.
The resistance of the sensor can be calculated for various temperatures from the
following second order equation, valid over the temperature range
− 30 °C to + 130 °C.
The temperature factor
k
T can be derived from this:
The temperature at the sensor can be calculated from the change in the sensors
resistance from the following equation, which approximates the characteristic curve.
RT
R25
1
α∆T
A
×β ∆T
A
2
×
++
()
×
fT A
()
==
with:
α = 7.88 10− 3 K− 1; β = 1.937 10− 5 K− 2
kT
RT
R25
--------
1
α∆T
A
×β ∆T
A
2
×
++
fT A
()
==
=
T
25
α2 4
β
×
4
β
×
kT
×
+
α
2
β
×
---------------------------------------------------------------------
+

 °C
=


Similar Part No. - KTY13-6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KTY13-6 SIEMENS-KTY13-6 Datasheet
25Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Surface Mount Technology
More results

Similar Description - KTY13-6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
KTY82-2 PHILIPS-KTY82-2 Datasheet
78Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81110 PHILIPS-KTY81110 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1_00 Datasheet
83Kb / 16P
   Silicon temperature sensors
2000 Aug 25
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
KTY85-1 PHILIPS-KTY85-1 Datasheet
61Kb / 12P
   Silicon temperature sensors
1998 Mar 26
KTY83 PHILIPS-KTY83 Datasheet
63Kb / 11P
   Silicon temperature sensors
2003 Sep 15
KTY82 NXP-KTY82 Datasheet
79Kb / 17P
   Silicon temperature sensors
Rev. 04-14 January 2008
KTY83 NXP-KTY83 Datasheet
61Kb / 10P
   Silicon temperature sensors
Rev. 06-4 April 2008
KTY81122.112 NXP-KTY81122.112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com