Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KT20A150 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # KT20A150
Description  Rectifier with Overvoltage protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KT20A150 Datasheet(HTML) 2 Page - Diotec Semiconductor

  KT20A150 Datasheet HTML 1Page - Diotec Semiconductor KT20A150 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KT20A120,KT20K150
Characteristics
Kennwerte
Leakage current – Sperrstrom
Tj = 25°C
VR = VWM
IR
< 5 µA
ESD rating according to JESD22-A114 / contact discharge
ESD-Festigkeit gemäß JESD22-A114 / Kontaktentladung
C = 100pF
R = 1.5kΩ
20 kV
Peak pulse power dissipation
10/1000µs pulse 1)
Impuls-Verlustleistung
TA = 25°C
PPPM
750 W
Max. reverse peak pulse current
8/20µs pulse 2)
Max. Impuls-Strom in Sperr-Richtung
TA = 25°C
IPPM
200 A
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to IR = 0.25 A
trr
< 300 ns
1
See curve I
PP = f (t) 10/1000µs – Siehe Kurve IPP = f (t) 10/1000µs
2
See curve I
PP = f (t) 8/20µs – Siehe Kurve IPP = f (t) 8/20µs
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the case
in Abh. v. d. Temp. Des Gehäuses
Zul. Richtstrom
[°C]
T
C
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
10
1
10
3
2
-1
[A]
I
F
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
400a-(5a-0,8v)
10/1000µs - pulse waveform
10/1000µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
1
2
3
4
[ms]
[%]
t
P
I /2
PPM
P /2
PPM
t = 10 µs
r
8/20µs - pulse waveform
8/20µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
20
40
60
[µs]
[%]
t
P
I /2
PPM
P /2
PPM
t = 8 µs
r


Similar Part No. - KT20A150

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KT20A150 DIOTEC-KT20A150 Datasheet
149Kb / 2P
   Protectifiers - LowVF-Rectifier with Overvoltage protection
KT20A150 DIOTEC-KT20A150 Datasheet
150Kb / 2P
   Protectifiers - LowVF-Rectifier with Overvoltage protection
KT20A150 DIOTEC-KT20A150 Datasheet
193Kb / 2P
   Fast Efficient Rectifier Diodes ??Protectifiers
More results

Similar Description - KT20A150

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F11K120 DIOTEC-F11K120_15 Datasheet
121Kb / 2P
   Rectifier with Overvoltage Protection
F12K120 DIOTEC-F12K120_15 Datasheet
121Kb / 3P
   Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120_15 Datasheet
126Kb / 2P
   Rectifier with Overvoltage Protection
FX20K120 DIOTEC-FX20K120_15 Datasheet
124Kb / 3P
   Rectifier with Overvoltage Protection
ABS125K DIOTEC-ABS125K Datasheet
148Kb / 2P
   Bridge Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120_13 Datasheet
126Kb / 2P
   LowVF-Rectifier with Overvoltage Protection
F11K120 DIOTEC-F11K120_13 Datasheet
121Kb / 2P
   LowVF-Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120 Datasheet
121Kb / 3P
   Protectifiers - LowVF-Rectifier with Overvoltage Protection
KT20A120 DIOTEC-KT20A120_13 Datasheet
150Kb / 2P
   Protectifiers - LowVF-Rectifier with Overvoltage protection
KT20A120 DIOTEC-KT20A120 Datasheet
149Kb / 2P
   Protectifiers - LowVF-Rectifier with Overvoltage protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com