Electronic Components Datasheet Search |
|
PEB2084 Datasheet(PDF) 7 Page - Infineon Technologies AG |
|
PEB2084 Datasheet(HTML) 7 Page - Infineon Technologies AG |
7 / 269 page PEB 2055 PEF 2055 Overview Semiconductor Group 7 1Overview The PEB 2055 (Extended PCM Interface Controller) is a highly integrated controller circuit optimized for analog and ISDN line card and central switches applications. The EPIC-1 provides the circuitry necessary to manage up to 32 digital (ISDN or proprietary) or 64 analog subscribers. The EPIC-1 is dedicated to switch PCM data between two serial interfaces, the system interface (PCM interface) and the configurable interface (CFI). The EPIC-1 performs non-blocking time and space switching for up to 128 channels. Since the system cost of the EPIC-1 is divided by the number of lines it controls, an highly economical implementation of digital or analog subscriber lines can be performed. The EPIC-S (PEB 2054) is a pin compatible device offering half the switching capacity of the EPIC-1. Therefore the EPIC-S is capable of handling up to 16 ISDN or 32 analog subscribers. It is programmable according to the EPIC-1 with respect of the pins not available. The EPIC is implemented in a Siemens advanced CMOS-technology and manufactured in a P-LCC-44-1 package. The EPIC is member of a chip family supporting a highly economical implementation of line cards and subscriber terminals. Chip Family Line Cards: PEB 2055 Extended PCM Interface Controller (EPIC) PEB 20550 Extended Line Card Controller (ELIC) PEB 2096 Octal U PN Transceiver (OCTAT-P) PEB 2095 ISDN Burst Transceiver Circuit (IBC) PEB 2084 Quadruple S0 Transceiver (QUAT-S) PEB 2465 Quadruple DSP based Codec Filter (SICOFI-4) PEB 2075 ISDN D-Channel Exchange Controller (IDEC) Terminals: PSB 2196 Digital Subscriber Access Controller (ISAC-P TE) for U PN Interface PEB 2081 (V3.2) S/T-Bus Interface Circuit Extended (SBCX) |
Similar Part No. - PEB2084 |
|
Similar Description - PEB2084 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |