Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA252 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # RA252
Description  Silicon-Rectifiers - Button Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

RA252 Datasheet(HTML) 2 Page - Diotec Semiconductor

  RA252 Datasheet HTML 1Page - Diotec Semiconductor RA252 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RA2505 ... RA2510
Characteristics
Kennwerte
Forward Voltage – Durchlass-Spannung
Tj = 25°C
IF = 80 A
VF
< 1.1 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 250 µA
Thermal resistance junction to case (terminal)
Wärmewiderstand Sperrschicht – Gehäuse (Anschluss)
RthC
< 1.0 K/W
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus case temperature
Zul. Richtstrom in Abh. von der Gehäusetemp.
[°C]
T
C
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
10
10
10
1
10
3
2
-1
[A]
I
F
T = 25°C
j
375a-(25a-1,1v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
3
2
[A]
î
F
1
10
10
[n]
10
2
3
(375a-25a)


Similar Part No. - RA252

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA252 MCC-RA252 Datasheet
99Kb / 2P
   25.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
RA252 ETC-RA252 Datasheet
29Kb / 2P
   Silicon Rectifier Button-Cells
logo
Diotec Semiconductor
RA252 DIOTEC-RA252 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
Micro Commercial Compon...
RA252 MCC-RA252 Datasheet
109Kb / 3P
   25 Amp Standard Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
RA252 WINNERJOIN-RA252 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
More results

Similar Description - RA252

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
RA3505 DIOTEC-RA3505 Datasheet
162Kb / 2P
   Silicon-Rectifiers - Button Diodes
RA3505 DIOTEC-RA3505_14 Datasheet
233Kb / 2P
   Silicon-Rectifiers ??Button Diodes
RA2505 DIOTEC-RA2505 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
Shanghai Lunsure Electr...
AR251 CHENYI-AR251 Datasheet
151Kb / 2P
   BUTTON DIODES
ARL251 CHENYI-ARL251 Datasheet
153Kb / 2P
   BUTTON DIODES
AR351 CHENYI-AR351 Datasheet
154Kb / 2P
   BUTTON DIODES
logo
Diotec Semiconductor
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
498Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM09-350 GETEDZ-HVM09-350 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM09-450 GETEDZ-HVM09-450 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com