Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA256 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # RA256
Description  Silicon-Rectifiers - Button Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

RA256 Datasheet(HTML) 1 Page - Diotec Semiconductor

  RA256 Datasheet HTML 1Page - Diotec Semiconductor RA256 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RA2505 ... RA2510
RA2505 ... RA2510
Silicon-Rectifiers – Button Diodes
Silizium-Gleichrichter – Knopf-Zellen
Version 2014-07-30
Dimensions - Maße [mm]
Nominal current
Nennstrom
25 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50 ... 1000 V
Plastic case
Kunststoffgehäuse
Button
Weight approx.
Gewicht ca.
1.9 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose
Marking:
Kennzeichnung:
Colored ring denotes “cathode”
Farbiger Ring kennzeichnet “Kathode”
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
RA2505
50
50
RA251
100
100
RA252
200
200
RA254
400
400
RA256
600
600
RA258
800
800
RA2510
1000
1000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 110°C
IFAV
25 A
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
IFSM
375/400 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
680 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - RA256

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA256 MCC-RA256 Datasheet
99Kb / 2P
   25.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
RA256 ETC-RA256 Datasheet
29Kb / 2P
   Silicon Rectifier Button-Cells
logo
Diotec Semiconductor
RA256 DIOTEC-RA256 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
Micro Commercial Compon...
RA256 MCC-RA256 Datasheet
109Kb / 3P
   25 Amp Standard Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
RA256 WINNERJOIN-RA256 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
More results

Similar Description - RA256

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
RA3505 DIOTEC-RA3505 Datasheet
162Kb / 2P
   Silicon-Rectifiers - Button Diodes
RA3505 DIOTEC-RA3505_14 Datasheet
233Kb / 2P
   Silicon-Rectifiers ??Button Diodes
RA2505 DIOTEC-RA2505 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
Shanghai Lunsure Electr...
AR251 CHENYI-AR251 Datasheet
151Kb / 2P
   BUTTON DIODES
ARL251 CHENYI-ARL251 Datasheet
153Kb / 2P
   BUTTON DIODES
AR351 CHENYI-AR351 Datasheet
154Kb / 2P
   BUTTON DIODES
logo
Diotec Semiconductor
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
498Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM09-350 GETEDZ-HVM09-350 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM09-450 GETEDZ-HVM09-450 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com